Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900TLE-AAEC/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900TLE-AAEC/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAEC/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8900TLE-AAEC/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 9Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 10Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 11Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 12Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 13Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 14Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 15Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Some of the design requirements for this dual linear regulator include:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
1.8 V
Minimum output voltage
1.2 V
Output current
200 mA/Channel
(1)
Typical values apply for TA = 25°C; minimim and maximum values apply over the full junction temperature range for operation, −40 to
+125°C, unless otherwise specified.
(2)
The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered
when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is
X7R or X5R. (See External Capacitors.)
Table 2. Recommended Capacitor Specifications
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(1)
MAX(1)
UNIT
CIN
Input capacitor
Capacitance(2)
0.33
1
10
µF
COUT
Output capacitor
0.33
1
4.7
µF
ESR
5
500
m
Ω
9.2.2 Detailed Design Procedure
9.2.2.1 External Capacitors
In common with most regulators, the LP8900 requires external capacitors for regulator stability. The LP8900 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
9.2.2.2 Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LP8900 IN pin and ground. (This capacitance value may be increased to 10 µF.)
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it must be ensured by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance,
temperature, and voltage coefficients must be considered when selecting the capacitor to ensure the capacitance
remains
≊ 1 µF over the entire operating temperature range.
9.2.2.3 Output Capacitor
Correct selection of the output capacitor is critical to ensure stable operation in the intended application.
The output capacitor must meet all the requirements specified in the recommended capacitor table over all
conditions in the application. These conditions include DC bias, frequency and temperature. Unstable operation
results if the capacitance drops below the minimum specified value.
The LP8900 is designed specifically to work with very small ceramic output capacitors. A 1-µF ceramic capacitor
(dielectric type X7R or X5R) with an ESR between 5 m
Ω to 500 mΩ, is suitable in the LP8900 application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com