Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2736 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2736 Datasheet HTML 3Page - National Semiconductor (TI) LM2736 Datasheet HTML 4Page - National Semiconductor (TI) LM2736 Datasheet HTML 5Page - National Semiconductor (TI) LM2736 Datasheet HTML 6Page - National Semiconductor (TI) LM2736 Datasheet HTML 7Page - National Semiconductor (TI) LM2736 Datasheet HTML 8Page - National Semiconductor (TI) LM2736 Datasheet HTML 9Page - National Semiconductor (TI) LM2736 Datasheet HTML 10Page - National Semiconductor (TI) LM2736 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Application Information
THEORY OF OPERATION
The LM2736 is a constant frequency PWM buck regulator IC
that delivers a 750mA load current. The regulator has a
preset switching frequency of either 550kHz (LM2736Y) or
1.6MHz (LM2736X). These high frequencies allow the
LM2736 to operate with small surface mount capacitors and
inductors, resulting in DC/DC converters that require a mini-
mum amount of board space. The LM2736 is internally
compensated, so it is simple to use, and requires few exter-
nal components. The LM2736 uses current-mode control to
regulate the output voltage.
The following operating description of the LM2736 will refer
to the Simplified Block Diagram (Figure 1) and to the wave-
forms in Figure 2. The LM2736 supplies a regulated output
voltage by switching the internal NMOS control switch at
constant frequency and variable duty cycle. A switching
cycle begins at the falling edge of the reset pulse generated
by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal NMOS control
switch. During this on-time, the SW pin voltage (V
SW) swings
up to approximately V
IN, and the inductor current (IL) in-
creases with a linear slope. I
L is measured by the current-
sense amplifier, which generates an output proportional to
the switch current. The sense signal is summed with the
regulator’s corrective ramp and compared to the error am-
plifier’s output, which is proportional to the difference be-
tween the feedback voltage and V
REF. When the PWM
comparator output goes high, the output switch turns off until
the next switching cycle begins. During the switch off-time,
inductor current discharges through Schottky diode D1,
which forces the SW pin to swing below ground by the
forward voltage (V
D) of the catch diode. The regulator loop
adjusts the duty cycle (D) to maintain a constant output
voltage.
BOOST FUNCTION
Capacitor C
BOOST and diode D2 in Figure 3 are used to
generate a voltage V
BOOST.VBOOST -VSW is the gate drive
voltage to the internal NMOS control switch. To properly
drive the internal NMOS switch during its on-time, V
BOOST
needs to be at least 1.6V greater than V
SW. Although the
LM2736 will operate with this minimum voltage, it may not
have sufficient gate drive to supply large values of output
Block Diagram
20124206
FIGURE 1.
20124207
FIGURE 2. LM2736 Waveforms of SW Pin Voltage and
Inductor Current
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com