Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2736 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2736 Datasheet HTML 1Page - National Semiconductor (TI) LM2736 Datasheet HTML 2Page - National Semiconductor (TI) LM2736 Datasheet HTML 3Page - National Semiconductor (TI) LM2736 Datasheet HTML 4Page - National Semiconductor (TI) LM2736 Datasheet HTML 5Page - National Semiconductor (TI) LM2736 Datasheet HTML 6Page - National Semiconductor (TI) LM2736 Datasheet HTML 7Page - National Semiconductor (TI) LM2736 Datasheet HTML 8Page - National Semiconductor (TI) LM2736 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2736
Thin SOT23 750mA Load Step-Down DC-DC Regulator
General Description
The LM2736 regulator is a monolithic, high frequency, PWM
step-down DC/DC converter in a 6-pin Thin SOT23 package.
It provides all the active functions to provide local DC/DC
conversion with fast transient response and accurate regu-
lation in the smallest possible PCB area.
With a minimum of external components and online design
support through WEBENCH™, the LM2736 is easy to use.
The ability to drive 750mA loads with an internal 350m
Ω
NMOS switch using state-of-the-art 0.5µm BiCMOS technol-
ogy results in the best power density available. The world
class control circuitry allows for on-times as low as 13ns,
thus supporting exceptionally high frequency conversion
over the entire 3V to 18V input operating range down to the
minimum output voltage of 1.25V. Switching frequency is
internally set to 550kHz (LM2736Y) or 1.6MHz (LM2736X),
allowing the use of extremely small surface mount inductors
and chip capacitors. Even though the operating frequencies
are very high, efficiencies up to 90% are easy to achieve.
External shutdown is included, featuring an ultra-low
stand-by current of 30nA. The LM2736 utilizes current-mode
control
and
internal
compensation
to
provide
high-
performance regulation over a wide range of operating con-
ditions. Additional features include internal soft-start circuitry
to reduce inrush current, pulse-by-pulse current limit, ther-
mal shutdown, and output over-voltage protection.
Features
n
Thin SOT23-6 package
n
3.0V to 18V input voltage range
n
1.25V to 16V output voltage range
n
750mA output current
n
550kHz (LM2736Y) and 1.6MHz (LM2736X)
switching frequencies
n
350m
Ω NMOS switch
n
30nA shutdown current
n
1.25V, 2% internal voltage reference
n
Internal soft-start
n
Current-Mode, PWM operation
n
WEBENCH online design tool
Applications
n
Local Point of Load Regulation
n
Core Power in HDDs
n
Set-Top Boxes
n
Battery Powered Devices
n
USB Powered Devices
n
DSL Modems
n
Notebook Computers
Typical Application Circuit
Efficiency vs Load Current "X"
V
IN = 5V, VOUT = 3.3V
20124201
20124251
WEBENCH™ is a trademark of Transim.
October 2004
© 2004 National Semiconductor Corporation
DS201242
www.national.com


Similar Part No. - LM2736

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736 TI2-LM2736 Datasheet
1Mb / 37P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
REVISED DECEMBER 2014
More results

Similar Description - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com