Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS36C200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS36C200
Description  Dual High Speed Bi-Directional Differential Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS36C200 Datasheet HTML 1Page - National Semiconductor (TI) DS36C200 Datasheet HTML 2Page - National Semiconductor (TI) DS36C200 Datasheet HTML 3Page - National Semiconductor (TI) DS36C200 Datasheet HTML 4Page - National Semiconductor (TI) DS36C200 Datasheet HTML 5Page - National Semiconductor (TI) DS36C200 Datasheet HTML 6Page - National Semiconductor (TI) DS36C200 Datasheet HTML 7Page - National Semiconductor (TI) DS36C200 Datasheet HTML 8Page - National Semiconductor (TI) DS36C200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS36C200
Dual High Speed Bi-Directional Differential Transceiver
General Description
The DS36C200 is a dual transceiver device optimized for
high data rate and low power applications. This device pro-
vides a single chip solution for a dual high speed
bi-directional interface. Also, both control pins may be routed
together for single bit control of datastreams. Both control
pins are adjacent to each other for ease of routing them to-
gether. The DS36C200 is compatible with IEEE 1394 physi-
cal layer and may be used as an economical solution with
some considerations. Please reference the application infor-
mation on 1394 for more information. The device is in a
14-lead small outline package. The differential driver outputs
provides low EMI with its low output swings typically 210 mV.
The receiver offers ±100 mV threshold sensitivity, in addition
to common-mode noise protection.
Features
n Optimized for DSS to DVHS interface link
n Compatible IEEE 1394 signaling voltage levels
n Operates above 100 Mbps
n Bi-directional transceivers
n 14-lead SOIC package
n Ultra low power dissipation
n ±100 mV receiver sensitivity
n Low differential output swing typical 210 mV
n High impedance during power off
Connection Diagram
Functional Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012621-1
Note: * denotes active LOW pin
Order Number DS36C200M
See NS Package Number M14A
DS012621-2
June 1998
© 1998 National Semiconductor Corporation
DS012621
www.national.com


Similar Part No. - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
DS36C200 Dual High Speed Bi-Directional Differential Transceiver
DS36C200 TI2-DS36C200 Datasheet
593Kb / 19P
DS36C200 Dual High Speed Bi-Directional Differential Transceiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMA NSC-DS36C200IMA Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
Dual Channel Bi-directional High Speed Optoisolators
logo
National Semiconductor ...
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
Dual High Speed Bi-Directional Differential Transceiver
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
SFP Bi-directional Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
DS36C200 Dual High Speed Bi-Directional Differential Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com