Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK2201RCPR
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK2201RCPR Datasheet HTML 5Page - Texas Instruments TLK2201RCPR Datasheet HTML 6Page - Texas Instruments TLK2201RCPR Datasheet HTML 7Page - Texas Instruments TLK2201RCPR Datasheet HTML 8Page - Texas Instruments TLK2201RCPR Datasheet HTML 9Page - Texas Instruments TLK2201RCPR Datasheet HTML 10Page - Texas Instruments TLK2201RCPR Datasheet HTML 11Page - Texas Instruments TLK2201RCPR Datasheet HTML 12Page - Texas Instruments TLK2201RCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
Testability
Loopback Testing
Enable Function
PRBS Function
JTAG
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
The loopback function provides for at-speed testing of the transmit/receive portions of the circuitry. The enable
function allows for all circuitry to be disabled so that an Iddq test can be performed. The PRBS function also
allows for a BIST( built-in self test). The terminal setting, TESTEN high, enables the test mode. The terminal
TESTEN has an internal pulldown resistor, so it defaults to normal operation. The TESTEN is only used for
factory testing, and is not intended for the end-user.
The transceiver can provide a self-test function by enabling (LOOPEN to high level) the internal loopback path.
Enabling this function causes serial transmitted data to be routed internally to the receiver. The parallel data
output can be compared to the parallel input data for functional verification. (The external differential output is
held in a high-impedance state during the loopback testing.)
When held low, ENABLE disables all quiescent power in both the analog and digital circuitry. This allows an
ultralow-power idle state when the link is not active.
These devices have a built-in 27-1 PRBS function. When the PRBSEN control bit is set high, the PRBS test is
enabled. A PRBS is generated and fed into the 10-bit parallel transmitter input bus. Data from the normal parallel
input source is ignored during PRBS test mode. The PRBS pattern is then fed through the transmit circuitry as if
it were normal data and sent out to the transmitter. The output can be sent to a (BERT) bit error rate tester or to
the receiver of another TLK2201 or TLK2201I. Since the PRBS is not really random and is really a
predetermined sequence of ones and zeros, the data can be captured and checked for errors by a BERT. These
devices also have a built-in BERT function on the receiver side that is enabled by PRBSEN. It can receive a
PRBS pattern and check for errors, and then reports the errors by forcing the SYNC/PASS terminal low. When
PRBS is enabled, RBCMODE is ignored. MODESEL must be low for the PRBS verifier to function correctly. The
device operates in TBI mode with a full-rate clock on RBC0. The PRBS testing supports two modes (normal and
latched), which are controlled by the SYNCEN input. When SYNCEN is low, the result of the PRBS bit error rate
test is passed to the SYNC/PASS terminal. When SYNCEN is high the result of the PRBS verification is latched
on the SYNC/PASS output (i.e., a single failure forces SYNC/PASS to remain low).
The TLK2201 supports an IEEE1149.1 JTAG function while maintaining compatibility with the industry standard
64 pin QFP package footprint. In this way, the TLK2201 installed on a board layout that was designed for the
industry standard footprint such as for the TNETE2201B. (Provided the supply voltage can be programmed from
the older 3.3 V to 2.5 V.) The JTAG pins on the TLK2201 are chosen to either be on the ‘vender-unique’ pins of
the industry standard footprint, or are on pins that were previously power or ground. The TRSTN pin has been
placed on pin 56, which is a ground on the industry standard footprint. In this way, a TLK2201 installed onto the
older footprint has the JTAG tap controller held in reset, and thus disabled. If the JTAG function is desired, then
the 5 JTAG pins TRSTN, TMS, TCK, TDI, and TDO can be used in the usual manner for a JTAG function. If the
JTAG function is not desired, then connecting TRSTN to ground is recommended. TMS and TDI have internal
pullup resistors, and can thus be left unconnected if not used. TDO is an output and should be left unconnected
if JTAG is not used. TCK does not have an internal pullup, and can be tied to GND or PWR if not used, but with
TRSTN low, this input is not used, and thus can be left unconnected.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com