Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK2201RCPR
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK2201RCPR Datasheet HTML 7Page - Texas Instruments TLK2201RCPR Datasheet HTML 8Page - Texas Instruments TLK2201RCPR Datasheet HTML 9Page - Texas Instruments TLK2201RCPR Datasheet HTML 10Page - Texas Instruments TLK2201RCPR Datasheet HTML 11Page - Texas Instruments TLK2201RCPR Datasheet HTML 12Page - Texas Instruments TLK2201RCPR Datasheet HTML 13Page - Texas Instruments TLK2201RCPR Datasheet HTML 14Page - Texas Instruments TLK2201RCPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
TLK2201 REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TLK2201I REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
MIN
NOM
MAX
UNIT
Supply voltage, VDD,VDD(A)
2.3
2.5
2.7
V
Frequency = 1.25 Gbps, PRBS pattern
80
Total supply current IDD,IDD(A)
mA
Frequency = 1.6 Gbps, Worst case pattern(1)
111
Frequency = 1.25 Gbps PRBS pattern
200
Total power dissipation PD
mW
Frequency = 1.6 Gbps Worst case pattern(1)
310
Total shutdown current IDD,IDD(A)
Enable = 0, Vdda , Vdd = 2.7 V
50
μA
Startup lock time, PLL
VDD, VDD(A) = 2.5 V, EN↑ to PLL acquire
500
μs
TLK2201
0
70
Operating free-air temperature, TA
°C
TLK2201I
40
85
(1)
Worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP-0.01%
100
TYP-0.01%
MHz
Frequency
Maximum data rate
TYP-0.01%
160
TYP-0.01%
MHz
Accuracy
100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP-0.01%
120
TYP-0.01%
MHz
Frequency
Maximum data rate
TYP-0.01%
160
TYP-0.01%
MHz
Accuracy
100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com