Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU01Z Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # EU01Z
Description  HIGH EFFICIENCY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EU01Z Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  EU01Z Datasheet HTML 1Page - SUNMATE electronic Co., LTD EU01Z Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 0.25 A
VOLTAGE RANGE: 200 - 600V
HIGH EFFICIENCY RECTIFIER DIODES
EU01Z - EU01A
Low cos t
Diffused junction
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectified current
A
Peak forw ard surge current
J=125
Maximum instantaneous forw ard voltage
@ 0.25A
VF
V
Maximum reverse current
@T
A=25
at Rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MHZ and applied rev erse of 4.0V DC.
15.0
2.5
3. Themal resistance f rom junction to ambient.
- 55 ----- + 150
10.0
150.0
100
- 55 ----- + 150
20
15
280
420
EU01
High current capability
200
s im ilar s olvents
Note: 1. Measured with I
F=0.5A, IR=1A, I rr=0.25A.
140
IFSM
I F(AV)
20
400
A
A
A
0.25
200
IR
600
Low leakage
Low forward voltage drop
Features
Easily cleaned with freon, Alcohol, lsopropand
and
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
400
600
Case: DO-41Molded Plastic
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
Marking: Type Number
Mechanical Data
Unit
10ms single half-sine-w ave
superimplsed on rated load
@T
9.5mm lead length
@T =75
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
EU01Z
EU01A


Similar Part No. - EU01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU01Z SANKEN-EU01Z Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU01Z BILIN-EU01Z Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU01Z LUGUANG-EU01Z Datasheet
172Kb / 2P
High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
EU01Z DSK-EU01Z Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - EU01Z

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EU02Z SUNMATE-EU02Z Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601 SUNMATE-HER601 Datasheet
323Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4M SUNMATE-RU4M Datasheet
336Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4D SUNMATE-RU4D Datasheet
445Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com