Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC901 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89LPC901
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC901 Datasheet HTML 47Page - NXP Semiconductors P89LPC901 Datasheet HTML 48Page - NXP Semiconductors P89LPC901 Datasheet HTML 49Page - NXP Semiconductors P89LPC901 Datasheet HTML 50Page - NXP Semiconductors P89LPC901 Datasheet HTML 51Page - NXP Semiconductors P89LPC901 Datasheet HTML 52Page - NXP Semiconductors P89LPC901 Datasheet HTML 53Page - NXP Semiconductors P89LPC901 Datasheet HTML 54Page - NXP Semiconductors P89LPC901 Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
53 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
15. Revision history
Table 17:
Revision history
Rev Date
CPCN
Description
04
20031121
-
Product data (9397 750 12293); ECN 853-2434 01-A14555 of 18 November 2003
Modifications:
• Changed CIN to CIN1A throughout document.
• Changed CMP to CMP1 throughout document.
• Figure 1 “P89LPC901 block diagram.” on page 4; adjusted drawing.
• Figure 2 “P89LPC902 block diagram.” on page 5; adjusted drawing.
• Figure 3 “P89LPC903 block diagram.” on page 6; adjusted drawing.
• Table 5 “P89LPC903 pin description” on page 11; changed CIN to CIN1A.
• Table 8 “P89LPC902 Special function registers” on page 18; removed ENCLK
• Table 9 “P89LPC903 Special function registers” on page 21; removed ENCLK
• Figure 19 “Comparator input and output connections.” on page 38; adjusted drawing.
• Table 13 “DC electrical characteristics” on page 44; changed ITL VIN value from 1.5 V to
2.0 V.
03
20030929
-
Product data (9397 750 12031); ECN 853-2434 30348 of 11 September 2003
02
20030731
-
Product data (9397 750 11801); ECN 853-2434 30152 of 28 July 2003
01
20030602
-
Preliminary data (9397 750 11494)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com