Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC901 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P89LPC901
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P89LPC901 Datasheet HTML 26Page - NXP Semiconductors P89LPC901 Datasheet HTML 27Page - NXP Semiconductors P89LPC901 Datasheet HTML 28Page - NXP Semiconductors P89LPC901 Datasheet HTML 29Page - NXP Semiconductors P89LPC901 Datasheet HTML 30Page - NXP Semiconductors P89LPC901 Datasheet HTML 31Page - NXP Semiconductors P89LPC901 Datasheet HTML 32Page - NXP Semiconductors P89LPC901 Datasheet HTML 33Page - NXP Semiconductors P89LPC901 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
30 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.12 I/O ports
The P89LPC901 has between 3 and 6 I/O pins: P0.4, P0.5, P1.2, P1.5, P3.0, and
P3.1 The exact number of I/O pins available depends on the clock and reset options
chosen, as shown in Table 11.
The P89LPC902 and P89LPC903 devices have either 5 or 6 I/O pins depending on
the reset pin option chosen.
8.12.1
Port configurations
All but one I/O port pin on the P89LPC901/902/903 may be configured by software to
one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51
port outputs), push-pull, open drain, and input-only. Two configuration registers for
each port select the output type for each port pin.
P1.5 (RST) can only be an input and cannot be configured.
Fig 17. Interrupt sources, interrupt enables, and power-down wake-up sources (P89LPC903).
002aaa452
BOPD
EBO
KBIF
EKBI
INTERRUPT
TO CPU
WAKE-UP
(IF IN POWER-DOWN)
EWDRT
CMF
EC
EA (IE0.7)
RTCF
ERTC
(RTCCON.1)
WDOVF
TF1
ET1
TI & RI/RI
ES/ESR
TI
EST
TF0
ET0
Table 11:
Number of I/O pins available
Clock source
Reset option
Number of I/O pins
(8-pin package)
On-chip oscillator or Watchdog oscillator
No external reset (except during power-up)
6
External RST pin supported
5
External clock input
No external reset (except during power-up)
5
External RST pin supported
4
Low/medium/high speed oscillator
(external crystal or resonator)
No external reset (except during power-up)
4
External RST pin supported
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com