Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC901FD Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P89LPC901FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901FD Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P89LPC901FD Datasheet HTML 43Page - NXP Semiconductors P89LPC901FD Datasheet HTML 44Page - NXP Semiconductors P89LPC901FD Datasheet HTML 45Page - NXP Semiconductors P89LPC901FD Datasheet HTML 46Page - NXP Semiconductors P89LPC901FD Datasheet HTML 47Page - NXP Semiconductors P89LPC901FD Datasheet HTML 48Page - NXP Semiconductors P89LPC901FD Datasheet HTML 49Page - NXP Semiconductors P89LPC901FD Datasheet HTML 50Page - NXP Semiconductors P89LPC901FD Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
47 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
12. Comparator electrical characteristics
[1]
This parameter is characterized, but not tested in production.
Fig 21. Shift register mode timing.
0
1
23
45
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
tXLXL
002aaa425
Set TI
Set RI
tXHQX
tQVXH
tXHDV
tXHDX
Clock
Output Data
Write to SBUF
Input Data
Clear RI
Fig 22. External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V
Table 15:
Comparator electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
offset voltage comparator inputs
-
-
±20
mV
VCR
common mode range comparator inputs
0
-
VDD − 0.3
V
CMRR
common mode rejection ratio
[1]
--
−50
dB
response time
-
250
500
ns
comparator enable to output valid
-
-
10
µs
IIL
input leakage current, comparator
0 < VIN <VDD
--
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com