Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC901FD Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P89LPC901FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901FD Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P89LPC901FD Datasheet HTML 46Page - NXP Semiconductors P89LPC901FD Datasheet HTML 47Page - NXP Semiconductors P89LPC901FD Datasheet HTML 48Page - NXP Semiconductors P89LPC901FD Datasheet HTML 49Page - NXP Semiconductors P89LPC901FD Datasheet HTML 50Page - NXP Semiconductors P89LPC901FD Datasheet HTML 51Page - NXP Semiconductors P89LPC901FD Datasheet HTML 52Page - NXP Semiconductors P89LPC901FD Datasheet HTML 53Page - NXP Semiconductors P89LPC901FD Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
50 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
14. Soldering
14.1 Introduction
This text gives a very brief insight to a complex technology. A more in-depth account
of soldering ICs can be found in our
Data Handbook IC26; Integrated Circuit
Packages (document order number 9398 652 90011).
There is no soldering method that is ideal for all IC packages. Wave soldering is often
preferred when through-hole and surface mount components are mixed on one
printed-circuit board. Wave soldering can still be used for certain surface mount ICs,
but it is not suitable for fine pitch SMDs. In these situations reflow soldering is
recommended. Driven by legislation and environmental forces the worldwide use of
lead-free solder pastes is increasing.
14.2 Through-hole mount packages
14.2.1
Soldering by dipping or by solder wave
Typical dwell time of the leads in the wave ranges from 3 to 4 seconds at 250
°C or
265
°C, depending on solder material applied, SnPb or Pb-free respectively.
The total contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the
plastic body must not exceed the specified maximum storage temperature (Tstg(max)).
If the printed-circuit board has been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within the permissible limit.
14.2.2
Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the
seating plane or not more than 2 mm above it. If the temperature of the soldering iron
bit is less than 300
°C it may remain in contact for up to 10 seconds. If the bit
temperature is between 300 and 400
°C, contact may be up to 5 seconds.
14.3 Surface mount packages
14.3.1
Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and
binding agent) to be applied to the printed-circuit board by screen printing, stencilling
or pressure-syringe dispensing before package placement.
Several methods exist for reflowing; for example, convection or convection/infrared
heating in a conveyor type oven. Throughput times (preheating, soldering and
cooling) vary between 100 and 200 seconds depending on heating method.
Typical reflow peak temperatures range from 215 to 270
°C depending on solder
paste material. The top-surface temperature of the packages should preferably be
kept:
• below 225
°C (SnPb process) or below 245 °C (Pb-free process)
– for all the BGA and SSOP-T packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com