Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS36C280 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS36C280 Datasheet HTML 1Page - National Semiconductor (TI) DS36C280 Datasheet HTML 2Page - National Semiconductor (TI) DS36C280 Datasheet HTML 3Page - National Semiconductor (TI) DS36C280 Datasheet HTML 4Page - National Semiconductor (TI) DS36C280 Datasheet HTML 5Page - National Semiconductor (TI) DS36C280 Datasheet HTML 6Page - National Semiconductor (TI) DS36C280 Datasheet HTML 7Page - National Semiconductor (TI) DS36C280 Datasheet HTML 8Page - National Semiconductor (TI) DS36C280 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS36C280
Slew Rate Controlled CMOS EIA-RS-485 Transceiver
General Description
The DS36C280 is a low power differential bus/line trans-
ceiver designed to meet the requirements of RS-485 Stan-
dard for multipoint data transmission. In addition, it is com-
patible with TIA/EIA-422-B.
The slew rate control feature allows the user to set the driver
rise and fall times by using an external resistor. Controlled
edge rates can reduce switching EMI.
The CMOS design offers significant power savings over its
bipolar and ALS counterparts without sacrificing ruggedness
against ESD damage. The device is ideal for use in battery
powered or power conscious applications. I
CC is specified at
500 µA maximum.
The driver and receiver outputs feature TRI-STATE® capabil-
ity. The driver outputs operate over the entire common mode
range of −7V to +12V. Bus contention or fault situations are
handled by a thermal shutdown circuit, which forces the
driver outputs into the high impedance state.
The receiver incorporates a fail safe circuit which guarantees
a high output state when the inputs are left open (Note 1) .
Features
n 100% RS-485 compliant
— Guaranteed RS-485 device interoperation
n Low power CMOS design:
I
CC 500 µA max
n Adjustable slew rate control
— Minimizes EMI affects
n Built-in power up/down glitch-free circuitry
— Permits live transceiver insertion/displacement
n DIP and SOIC packages available
n Industrial temperature range:
−40˚C to +85˚C
n On-board thermal shutdown circuitry
— Prevents damage to the device in the event of
excessive power dissipation
n Wide common mode range:
−7V to +12V
n Receiver open input fail-safe (Note 1)
n 1⁄4 unit load (DS36C280):
≥128 nodes
n 1⁄2 unit load (DS36C280T):
≥64 nodes
n ESD (human body model):
≥2kV
Connection and Logic Diagram
Truth Table
DRIVER SECTION
DE/RE*
DI
DO/RI
DO*/RI*
HH
H
L
HL
L
H
LX
Z
Z
RECEIVER SECTION
DE/RE*
RI-RI*
RO
L
≥+0.2V
H
L
≤−0.2V
L
HX
Z
L
OPEN (Note 1)
H
Note 1: Non-terminated, Open Inputs only
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012052-1
Order Number DS36C280TM, DS36C280TN
DS36C280M and DS36C280N
See NS Package Number M08A or N08E
July 1998
© 1999 National Semiconductor Corporation
DS012052
www.national.com


Similar Part No. - DS36C280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C280 NSC-DS36C280 Datasheet
563Kb / 9P
Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C280 TI1-DS36C280 Datasheet
870Kb / 16P
DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
National Semiconductor ...
DS36C280M NSC-DS36C280M Datasheet
563Kb / 9P
Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C280M/NOPB TI1-DS36C280M/NOPB Datasheet
870Kb / 16P
DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280MX/NOPB TI1-DS36C280MX/NOPB Datasheet
870Kb / 16P
DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
More results

Similar Description - DS36C280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM488 AD-ADM488 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
logo
National Semiconductor ...
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
DS36C280 TI1-DS36C280_14 Datasheet
870Kb / 16P
DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM488 AD-ADM488_V01 Datasheet
385Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com