Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS36C280 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS36C280 Datasheet HTML 1Page - National Semiconductor (TI) DS36C280 Datasheet HTML 2Page - National Semiconductor (TI) DS36C280 Datasheet HTML 3Page - National Semiconductor (TI) DS36C280 Datasheet HTML 4Page - National Semiconductor (TI) DS36C280 Datasheet HTML 5Page - National Semiconductor (TI) DS36C280 Datasheet HTML 6Page - National Semiconductor (TI) DS36C280 Datasheet HTML 7Page - National Semiconductor (TI) DS36C280 Datasheet HTML 8Page - National Semiconductor (TI) DS36C280 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+12V
Input Voltage (DE/RE*, & DI)
−0.5V to (V
CC +0.5V)
Common Mode (V
CM)
Driver Output/Receiver Input
±15V
Input Voltage (DO/RI, DO*/RI*)
±14V
Receiver Output Voltage
−0.5V to (V
CC +0.5V)
Maximum Package Power Dissipation @ +25˚C
M Package 1190 mV, derate
9.5 mW/˚C above +25˚C
N Package 794 mV, derate
6.0 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
+260˚C
(Soldering 4 sec.)
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.75
+5.0
+5.25
V
Bus Voltage
−7
+12
V
Operating Free Air Temperature (T
A)
DS36C280T
−40
+25
+85
˚C
DS36C280
0
+25
+70
˚C
Electrical Characteristics (Notes 3, 4)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
V
OD1
Differential Output Voltage
I
O = 0 mA (No Load)
(422)
(485)
1.5
5.0
V
V
OD0
Output Voltage
I
O = 0 mA
0
5.0
V
V
OD0*
Output Voltage
(Output to GND)
0
5.0
V
V
OD2
Differential Output Voltage
(Termination Load)
R
L =50Ω
(422)
Figure 1
2.0
2.8
V
R
L =27Ω
(485)
1.5
2.3
5.0
V
∆V
OD2
Balance of V
OD2
R
L =27Ω or 50Ω
(Note 5)
−0.2
0.1
+0.2
V
|V
OD2 −VOD2*|
(422, 485)
V
OD3
Differential Output Voltage
(Full Load)
R1=54
Ω,R2=375Ω
Figure 2
1.5
2.0
5.0
V
V
TEST = −7V to +12V
V
OC
Driver Common Mode
Output Voltage
R
L =27Ω
(485)
Figure 1
0
3.0
V
R
L =50Ω
(422)
0
3.0
V
∆V
OC
Balance of V
OC
R
L =27Ω or
(Note 5)
−0.2
+0.2
V
|V
OC −VOC*|RL =50Ω
(422, 485)
I
OSD
Driver Output Short-Circuit
Current
V
O = +12V
(485)
Figure 4
200
+250
mA
V
O = −7V
(485)
−190
−250
mA
RECEIVER CHARACTERISTICS
V
TH
Differential Input High
Threshold Voltage
V
O =VOH,IO = −0.4 mA
(Note 6)
(422, 485)
+0.035
+0.2
V
−7V
≤ V
CM ≤ +12V
V
TL
Differential Input Low
Threshold Voltage
V
O =VOL,IO = 0.4 mA
−0.2
−0.035
V
−7V
≤ V
CM ≤ +12V
V
HST
Hysteresis
V
CM =0V
70
mV
R
IN
Input Resistance
−7V
≤ V
CM ≤ +12V
DS36C280T
24
68
k
Ω
R
IN
Input Resistance
−7V
≤ V
CM ≤ +12V
DS36C280
48
68
k
Ω
I
IN
Line Input Current
(Note 8)
Other Input = 0V
DS36C280
V
IN = +12V
0
0.19
0.25
mA
DE=V
IL,RE*=VIL
V
IN = −7V
0
−0.1
−0.2
mA
V
CC = 4.75 to 5.25
DS36C280T
V
IN = +12V
0
0.19
0.5
mA
or 0V
V
IN = −7V
0
−0.1
−0.4
mA
I
ING
Line Input Current
Glitch (Note 8)
Other Input = 0V
DS36C280
V
IN = +12V
0
0.19
0.25
mA
DE=V
IL,RE*=VIL
V
IN = −7V
0
−0.1
−0.2
mA
V
CC = +3.0V
DS36C280T
V
IN = +12V
0
0.19
0.5
mA
or 0V T
A = 25˚C
V
IN = −7V
0
−0.1
−0.4
mA
I
B
Input Balance Test
RS = 500
Ω
(422) (Note 10)
±400
mV
V
OH
High Level Output Voltage
I
OH = −4 mA, VID = +0.2V
RO
Figure 11
3.5
4.6
V
V
OL
Low Level Output Voltage
I
OL = +4 mA, VID = −0.2V
0.3
0.5
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com