Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC903FD Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89LPC903FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC903FD Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89LPC903FD Datasheet HTML 28Page - NXP Semiconductors P89LPC903FD Datasheet HTML 29Page - NXP Semiconductors P89LPC903FD Datasheet HTML 30Page - NXP Semiconductors P89LPC903FD Datasheet HTML 31Page - NXP Semiconductors P89LPC903FD Datasheet HTML 32Page - NXP Semiconductors P89LPC903FD Datasheet HTML 33Page - NXP Semiconductors P89LPC903FD Datasheet HTML 34Page - NXP Semiconductors P89LPC903FD Datasheet HTML 35Page - NXP Semiconductors P89LPC903FD Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
32 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.12.7
Additional port features
After power-up, all pins are in Input-Only mode. Please note that this is different
from the LPC76x series of devices.
• After power-up all I/O pins, except P1.5, may be configured by software.
• Pin P1.5 is input only.
Every output on the P89LPC901/902/903 has been designed to sink typical LED
drive current. However, there is a maximum total output current for all ports which
must not be exceeded. Please refer to Table 13 “DC electrical characteristics” for
detailed specifications.
All ports pins that can function as an output have slew rate controlled outputs to limit
noise generated by quickly switching output signals. The slew rate is factory-set to
approximately 10 ns rise and fall times.
8.13 Power monitoring functions
The P89LPC901/902/903 incorporates power monitoring functions designed to
prevent incorrect operation during initial power-up and power loss or reduction during
operation. This is accomplished with two hardware functions: Power-on Detect and
Brownout detect.
8.13.1
Brownout detection
The Brownout detect function determines if the power supply voltage drops below a
certain level. The default operation is for a Brownout detection to cause a processor
reset, however, it may alternatively be configured to generate an interrupt.
Brownout detection may be enabled or disabled in software.
If Brownout detection is enabled, the operating voltage range for VDD is 2.7 V to 3.6 V,
and the brownout condition occurs when VDD falls below the brownout trip voltage,
VBO (see Table 13 “DC electrical characteristics”), and is negated when VDD rises
above VBO. If brownout detection is disabled, the operating voltage range for VDD is
2.4 V to 3.6 V. If the P89LPC901/902/903 device is to operate with a power supply
that can be below 2.7 V, BOE should be left in the unprogrammed state so that the
device can operate at 2.4 V, otherwise continuous brownout reset may prevent the
device from operating.
For correct activation of Brownout detect, the VDD rise and fall times must be
observed. Please see Table 13 “DC electrical characteristics” for specifications.
8.13.2
Power-on detection
The Power-on Detect has a function similar to the Brownout detect, but is designed to
work as power comes up initially, before the power supply voltage reaches a level
where Brownout detect can work. The POF flag in the RSTSRC register is set to
indicate an initial power-up condition. The POF flag will remain set until cleared by
software.
8.14 Power reduction modes
The P89LPC901/902/903 supports three different power reduction modes. These
modes are Idle mode, Power-down mode, and total Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com