Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC903FD Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P89LPC903FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC903FD Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P89LPC903FD Datasheet HTML 31Page - NXP Semiconductors P89LPC903FD Datasheet HTML 32Page - NXP Semiconductors P89LPC903FD Datasheet HTML 33Page - NXP Semiconductors P89LPC903FD Datasheet HTML 34Page - NXP Semiconductors P89LPC903FD Datasheet HTML 35Page - NXP Semiconductors P89LPC903FD Datasheet HTML 36Page - NXP Semiconductors P89LPC903FD Datasheet HTML 37Page - NXP Semiconductors P89LPC903FD Datasheet HTML 38Page - NXP Semiconductors P89LPC903FD Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
35 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.16.6
Timer overflow toggle output (P89LPC901)
Timers 0 and 1 can be configured to automatically toggle a port output whenever a
timer overflow occurs. The same device pins that are used for the T0 and T1 count
inputs are also used for the timer toggle outputs. The port outputs will be a logic 1
prior to the first timer overflow when this mode is turned on.
8.17 Real-Time clock/system timer
The P89LPC901/902/903 has a simple Real-Time clock that allows a user to continue
running an accurate timer while the rest of the device is powered-down. The
Real-Time clock can be a wake-up or an interrupt source. The Real-Time clock is a
23-bit down counter comprised of a 7-bit prescaler and a 16-bit loadable down
counter. When it reaches all ‘0’s, the counter will be reloaded again and the RTCF
flag will be set. The clock source for this counter can be either the CPU clock (CCLK)
or the XTAL oscillator, provided that the XTAL oscillator is not being used as the CPU
clock. If the XTAL oscillator is used as the CPU clock, then the RTC will use CCLK as
its clock source. Only power-on reset will reset the Real-Time clock and its
associated SFRs to the default state.
8.18 UART (P89LPC903)
The P89LPC903 has an enhanced UART that is compatible with the conventional
80C51 UART except that Timer 2 overflow cannot be used as a baud rate source.
The P89LPC903 does include an independent Baud Rate Generator. The baud rate
can be selected from the oscillator (divided by a constant), Timer 1 overflow, or the
independent Baud Rate Generator. In addition to the baud rate generation,
enhancements over the standard 80C51 UART include Framing Error detection,
automatic address recognition, selectable double buffering and several interrupt
options. The UART can be operated in 4 modes: shift register, 8-bit UART, 9-bit
UART, and CPU clock/32 or CPU clock/16.
8.18.1
Mode 0
Serial data enters and exits through RxD. TxD outputs the shift clock. 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
16 of the CPU clock
frequency.
8.18.2
Mode 1
10 bits are transmitted (through TxD) or received (through RxD): a start bit
(logical ‘0’), 8 data bits (LSB first), and a stop bit (logical ‘1’). When data is received,
the stop bit is stored in RB8 in Special Function Register SCON. The baud rate is
variable and is determined by the Timer 1 overflow rate or the Baud Rate Generator
(described in Section 8.18.5 “Baud rate generator and selection”).
8.18.3
Mode 2
11 bits are transmitted (through TxD) or received (through RxD): start bit (logical ‘0’),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logical ‘1’). When
data is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of ‘0’ or
‘1’. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When
data is received, the 9th data bit goes into RB8 in Special Function Register SCON,
while the stop bit is not saved. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of
the CPU clock frequency, as determined by the SMOD1 bit in PCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com