Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER101 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER101
Description  SUPER FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER101 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER101 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER101 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 1.0 A
VOLTAGE RANGE: 100 - 600V
ER101 - ER106
Low leakage
Low forward voltage drop
High current capability
Maximumrecurrent peak reverse voltage
VRRM
200
300
400
600
V
MaximumRMS voltage
VRMS
140
210
280
420
V
MaximumDCblocking voltage
VDC
200
300
400
600
V
Maximumaverage forward rectified current
9.5mmlead length,
@T
A=75
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@T
J=125
Maximuminstantaneous forward voltage
@ 1.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximumreverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3.Thermal resistance junction to ambient.
A
30.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
A
5.0
Easilycleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
1.0
ER101
100
70
- 55 ----- + 150
50
35
22
0.95
1.25
150.0
100
The plastic material carries U/L recognition 94V-0
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
ER102
ER103
ER104
ER106
Unit
Characteristic
Symbol
Case: DO-41Molded Plastic
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Mechanical Data
!
!
!
!
!
SUPER FAST RECOVERY RECTIFIER DIODES
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
1 of 2
www.sunmate.tw


Similar Part No. - ER101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER101 PANJIT-ER101 Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER101 TRSYS-ER101 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER101 PANJIT-ER101 Datasheet
43Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER101 BILIN-ER101 Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Pan Jit International I...
ER101 PANJIT-ER101 Datasheet
47Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER101

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
SF51G SUNMATE-SF51G Datasheet
353Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
BYW98-50 SUNMATE-BYW98-50 Datasheet
371Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER201 SUNMATE-ER201 Datasheet
364Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER500 SUNMATE-ER500 Datasheet
280Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER800 SUNMATE-ER800 Datasheet
278Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
SF61 SUNMATE-SF61 Datasheet
379Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
SF61G SUNMATE-SF61G Datasheet
565Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com