Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5162/KG/MP1T Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL5162/KG/MP1T
Description  Multistandard VHF and UHF Television Demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162/KG/MP1T Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL5162/KG/MP1T Datasheet HTML 1Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
SL5162
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Typ.
Conditions
2
10
2
10
2
60
2
46
38·9
2
16
2
15
2
22
2
3
500
30
2
70
2
70
2
70
2
75
2
70
2
70
860
0·2
Units
Min.
Max.
dBC
dBC
dBC
k
Ω
mVp-p
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
MHz
kHz
Relative to PVC (note 4)
Relative to PVC, with no audio modulation applied
Relative to PVC
Single ended from 50
Ω
Values referred to PAL system G carrier level
Note 5
Relative to 83dB
µV modulated carrier (note 6)
With 1Vp-p video input signal colour bars
Pin
Value
18
1, 2
4,5,6,7
Mod Index Control
Sound subcarrier level,
negative video modulation
Sound subcarrier level,
positive video modulation
Second sound subcarrier
Video Test Sig. Generator
Negative impedance
Ceramic resonator impedance
Prescaler
Output amplitude
Distortions
Intermodulation:
fV1(fS2fC)
fV12fC
fV12fS
fV13fS
Spurious (in band)
Spurious (ex band)
Harmonics:
2fV
3fV
Sound in vision
Vision in sound
Local Oscillator
Frequency range
Residual FM
1
2
3
4
5
6
7
8
9
1o
11
12
13
14
15
16
17
18
19
20
UHF prescaler output 1
UHF prescaler output 2
Positive supply for UHF circuits
UHF tank
UHF tank
UHF tank
UHF tank
UHF ground
Sound tank 1
Sound tank 2
Audio 1 input
Positive supply for baseband circuits
Intercarrier (sound) input
Video modulation/standard select
75
Ω modulated output
75
Ω modulated output
Baseband ground
Test signal generator input
Video input
AGC capacitor/disable switch
RF 1
RF 2
VCC2
LOIN 1
LOOP 1
LOOP 2
LOIN 2
VEE2
ST 1
ST2
AUDIO
VCC1
SUB 2
MSS
OP 1
OP2
VEE1
TSG
VID
AGC
Pin
Name
Function
NOTES
5. fV = vision carrier, fS = sound subcarrier, fC = chroma subcarrier.
6. SUB 2 must be connected to VCC to achieve this performance.
Table 1 Pin descriptions
VIDEO INPUT SECTION
A composite signal of the selected standard is applied to
the device via a coupling capacitor also acting as the clamp
storage capacitor. A minimum level clamp is used to DC
restore the video signal in the IC to an internally defined
reference voltage.
The AGC will give a constant output level with input signals
between 0·5 and 1·5 Vp-p. If a controlled 1Vp-p video signal
is available, the AGC may be disabled, in which case a white
clip circuit is switched in, to prevent possible overmodulation.
Selection of negative or positive modulation is via a single
pin (14). The voltage on this pin controls an offset which is fed
to the UHF mixer, thus determining both modulation depth,
and sense of modulation.
SOUND SECTION
The sound is AC coupled and AM or FM modulated onto
the pre-selected carrier, 4·5 - 6·5MHz; its level is nominally at
2
16dB relative to the peak vision carrier.
UHF MODULATED OUTPUT
Modulation and relative levels of vision and sound carrier
levels are preset for the selected broadcast standard.
Table 2 gives the output options available. Modulation index
is fixed at 83% for all negative modulation systems and at 94%
for SECAM standard L. Selection of sound tank frequency is
defined by off-chip tank components.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com