Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5162/KG/MP1T Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # SL5162/KG/MP1T
Description  Multistandard VHF and UHF Television Demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162/KG/MP1T Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL5162/KG/MP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 9Page - Zarlink Semiconductor Inc SL5162/KG/MP1T Datasheet HTML 10Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
SL5162
CUSTOMER SERVICE CENTRES
q FRANCE & BENELUX Les Ulis Cedex
Tel: (1) 69 18 90 00 Fax: (1) 64 46 06 07
q GERMANY Munich Tel: (089) 419508-20 Fax: (089) 419508-55
q ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993
q JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
q KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933
q NORTH AMERICA Scotts Valley, USA
Tel: (408) 438 2900 Fax: (408) 438 5576/6231
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any
guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and
to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
Internet: http://www.mitelsemi.com
© Mitel 1998 Publication No. DS4497 Issue No. 3.0 September 1998 TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
q SOUTH EAST ASIA Singapore
Tel: (65) 333 6193 Fax: (65) 333 6192
q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
q TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260
q UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 726666 Fax: (01793) 518582
These are supported by Agents and Distibutors in major countries
worldwide.
25k
5p
11
VREF
1mA
13
VREF
10k
10k
75
Ω modulated outputs
MSS video mod/standard select
Test signal generator
Video input
18
5·6k
VCC
250
µA
8k
VCC
19
6k
250
µA
6k
6k
2k
50
2nd subcarrier input
Audio input
VCC
15
16
48
48
1·25mA
1·25mA
50
50
60k
VCC
14
VCC
60k
60k
60k
45k
50k
Figure 7 I/O interface circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com