Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3682ST Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3682ST
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682ST Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3682ST Datasheet HTML 1Page - NXP Semiconductors TDA3682ST Datasheet HTML 2Page - NXP Semiconductors TDA3682ST Datasheet HTML 3Page - NXP Semiconductors TDA3682ST Datasheet HTML 4Page - NXP Semiconductors TDA3682ST Datasheet HTML 5Page - NXP Semiconductors TDA3682ST Datasheet HTML 6Page - NXP Semiconductors TDA3682ST Datasheet HTML 7Page - NXP Semiconductors TDA3682ST Datasheet HTML 8Page - NXP Semiconductors TDA3682ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2002 Mar 11
2
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
FEATURES
General
• Good stability for any regulator with almost any output
capacitor
• Five voltage regulators (BU5V, illumination, AM, FM
and audio)
• Mode selection by three enable control pins
• Low dropout voltage output stages (PNP output stage)
• High ripple rejection
• Low noise for all regulators
• Two power switches (power antenna and power control
function).
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the output
(supply line may be short-circuited)
• ESD protection of all pins
• Thermal protection to avoid thermal break down
• Load dump protection
• Regulator outputs are DC short-circuited safe to ground
and supply voltage
• Foldback current limit protection for all regulators
• Loss of ground protection for power switches.
GENERAL DESCRIPTION
The TDA3682 is a multiple output voltage regulator with
power switches, intended for use in car radios with or
without a microprocessor.
The TDA3682 contains the following:
• Four switchable regulators and one permanent active
regulator (BU5V)
• Two power switches with loss of ground protection
• Three enable control inputs for selecting the regulators
(illumination, audio, AM or FM) and the power switches
(PANT and PCON); the standby mode is selected with
all enable control inputs at LOW level.
The quiescent current has a very low level of 120
µA
(typical value) with the regulator 2 (BU5V) active.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3682ST
RDBS13P
plastic rectangular-DIL-bent-SIL power package; 13 leads
SOT528-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com