Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3682ST Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3682ST
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682ST Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3682ST Datasheet HTML 1Page - NXP Semiconductors TDA3682ST Datasheet HTML 2Page - NXP Semiconductors TDA3682ST Datasheet HTML 3Page - NXP Semiconductors TDA3682ST Datasheet HTML 4Page - NXP Semiconductors TDA3682ST Datasheet HTML 5Page - NXP Semiconductors TDA3682ST Datasheet HTML 6Page - NXP Semiconductors TDA3682ST Datasheet HTML 7Page - NXP Semiconductors TDA3682ST Datasheet HTML 8Page - NXP Semiconductors TDA3682ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 Mar 11
3
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP2
supply voltage
regulator 1 on
11.4
14.4
18
V
regulators 3, 4 and 5 on
10
14.4
18
V
regulator 2 on
4
−−
V
jump start for t
≤ 10 minutes
−−
30
V
load dump protection for
t
≤ 50 ms and t
r ≥ 2.5 ms
−−
50
V
overvoltage for shut-down
20
−−
V
Iq(tot)
total quiescent supply current
standby mode; VP2 = 14.4 V
−
120
150
µA
Voltage regulators
Vo(REG1)
output voltage of regulator 1
0.5 mA
≤ Io ≤ 250 mA
9.89
10.3
10.71
V
Vo(REG2)
output voltage of regulator 2
0.5 mA
≤ Io ≤ 300 mA
4.8
5.0
5.2
V
Vo(REG3)
output voltage of regulator 3
0.5 mA
≤ Io ≤ 200 mA
7.87
8.2
8.53
V
Vo(REG4)
output voltage of regulator 4
0.5 mA
≤ Io ≤ 50 mA
7.87
8.2
8.53
V
Vo(REG5)
output voltage of regulator 5
0.5 mA
≤ Io ≤ 50 mA
7.87
8.2
8.53
V
Power switches
Vdrop(SW1)
dropout voltage of switch 1
Io = 200 mA
−
0.6
0.8
V
Vdrop(SW2)
dropout voltage of switch 2
Io = 200 mA
−
0.6
0.8
V
Enable control inputs
VIL
LOW-level input voltage
−0.2
−
+1.0
V
VIM
MID-level input voltage
not valid for pin EN1
2
−
3V
VIH
HIGH-level input voltage
4
−−
V
Ri
input resistance
0 V
≤ VEN ≤ Vo(REG2) + 0.3 V
50
−−
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com