Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB
Description  SMD 869.0MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB Datasheet(HTML) 2 Page - Abracon Corporation

  AB Datasheet HTML 1Page - Abracon Corporation AB Datasheet HTML 2Page - Abracon Corporation AB Datasheet HTML 3Page - Abracon Corporation AB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Left blank if standard)
||||| | | | | | | | | | |
AB
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
11.5 x 5.0 x 13.46mm
OPTIONS AND PART IDENTIFICATION:
Table 2
CODES
TRIMMED L in(mm)
Q45
0.45 (11.43)
Q40
0.40 (10.16)
Q35
0.35 (8.89)
Q30
0.30 (7.62)
Q25
0.25 (6.35)
Q20
0.20 (5.08)
Q15
0.15 (3.81)
Q10
0.10 (2.54)
Q115
0.115 (2.92)
NOTE: Use appropriate code numbers for
other trimmed lengths not listed.
(e.g. Q14 for 0.14 inch (3.55 mm))
Pb RoHS/RoHS II Compliant
Revised: 07.09.14
HC49/U CRYSTAL
Packaging
T: Tape & Reel
Quality Factor***
QXXXk Minimum
Value
AB -
MHz - -
-
- - -
-
Frequency in MHz
Please specify the frequency
in xx.xxxxMHz.
e.g. 14.3181MHz
Load Capacitance (pF)
Please specify CL
(Minimum 10pF) in pF or
S for series
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Freq. Stability
Options for AT-
Cut only
*
U
**: ± 10 ppm
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 50 ppm
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Operating Temp.
A: -10°C ~ +60°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
NOTE:
*:Frequency Stability ±100
ppm maxat -10 to +60C only
for BT cut.
**: -10 to +60C only.
***: Quality factor must be
accompanied by a k value
Value Added
I
Insulator Tab
V
Vinyl Sleeve
QXX
Trimmed leads
See Table 2
MJ
Metal jacket
Operation Mode
F
Fund. AT > 24MHz
FB
Fund. BT>24MHz
O
3rd OT>66MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com