Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB
Description  SMD 869.0MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB Datasheet(HTML) 1 Page - Abracon Corporation

  AB Datasheet HTML 1Page - Abracon Corporation AB Datasheet HTML 2Page - Abracon Corporation AB Datasheet HTML 3Page - Abracon Corporation AB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
||||| | | | | | | | | | |
AB
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
STANDARD SPECIFICATIONS:
• High precision availability
• Resistance welded
• Ideal for large pullability application
• Wide frequency range
Revised: 07.09.14
Visit www.abracon.com for Terms & Conditions of Sale
HC49/U CRYSTAL
• CPU, Memory
• Computer, printer
• Data communication (1MHz)
• Data input - output machine (1MHz)
11.5 x 5.0 x 13.46mm
Pb RoHS/RoHS II Compliant
Moisture Sensitivity Level (MSL) – This product is not Moisture Sensitive - MSL = 1
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
1.8432
160.000
MHz
Operation Mode
Fundamental
1.8432MHz – 24.000MHz
3rd Overtone
24.01MHz – 66.00MHz
5th Overtone
66.01MHz – 122.00MHz
7th Overtone
122.01MHz – 160.00MHz
Operating Temperature
0
+70
ºC
See options
Storage Temperature
-55
+125
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the
operating temperature ( ref. to
+25°C)
-100
+100
ppm
See options
Equivalent series resistance (R1)
See table 1 below
Ω
Shunt capacitance (C0)
7
pF
Load capacitance (CL)
18
pF
See options
W
µ
0
0
0
1
0
0
1
l
e
v
e
L
e
v
ir
D
Aging@25°C±3°C
±5
ppm
First year
Insulation Resistance
500
M Ω
@100Vdc±15V
Drive level dependency (DLD),
minimum 7 points tested: from
1µW to 500µW.
Change in frequency (Maximum - Minimum) over
DLD range < ±10ppm;
Change in ESR (Maximum - Minimum) over DLD
range < 25% of Max ESR value;
Maximum ESR over DLD range < Max ESR value.
Table 1
FREQUENCY (MHz)
Operation Mode
ESR (Ω) max
1.8432-1.999
HC49/U
Fundamental
750
0
5
5
9
9
3
.
2
-
0
0
0
.
2
0
5
3
9
9
9
.
2
-
0
0
4
.
2
0
0
2
9
9
6
.
3
-
0
0
0
.
3
0
0
1
9
9
1
.
4
-
0
0
7
.
3
0
7
9
9
8
.
4
-
0
0
2
.
4
0
5
9
9
9
.
5
-
0
0
9
.
4
0
4
9
9
9
.
7
-
0
0
0
.
6
5
3
9
9
9
.
9
-
0
0
0
.
8
0
3
9
9
4
.
2
1
-
0
0
0
.
0
1
5
2
0
0
.
0
5
-
0
5
.
2
1
24.00-66.00
HC49/U (3rd OT)
40
66.01-122.00
HC49/U (5th OT)
80
122.01-160.00
HC49/U (7th OT)
120


Similar Description - AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
Abracon Corporation
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
SMD 1575.42MHz SAW Filter
12.10.09
AFS869.0W01-TS3 ABRACON-AFS869.0W01-TS3 Datasheet
978Kb / 2P
SMD 869.0MHz SAW Filter
08.26.11
logo
Golledge Electronics Lt...
MP03629 GOLLEDGE-MP03629 Datasheet
146Kb / 6P
SAW Filter: 869.0MHz
MP05310 GOLLEDGE-MP05310 Datasheet
352Kb / 6P
SAW Filter 869.0MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com