Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS1237.0W01-TS4 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFS1237.0W01-TS4
Description  SMD 1237 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS1237.0W01-TS4 Datasheet(HTML) 2 Page - Abracon Corporation

  AFS1237.0W01-TS4 Datasheet HTML 1Page - Abracon Corporation AFS1237.0W01-TS4 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||| | | |
AFS1237.0W01-TS4
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001:2008
CERTIFIED
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.09.12
Visit www.abracon.com for Terms & Conditions of Sale
SMD 1237 MHz SAW Filter
3.0 x 3.0 x 1.5mm
OUTLINE DIMENSIONS:
1237F
• ZYX
Pin No.
Function
Pin b
Input
Pin e
Output
Other
Ground
Dimensions: mm
3,000pcs/reel
Dimensions: mm
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.0
±0.3
5.5
±0.1
1.75
±0.1
4.0
±0.2
4.0
±0.1
2.0
±0.2
Φ1.5
±0.1
Φ1.
5
±0.25
0.31
max.
1.7
max.
3.3
max.
3.3
max.
TAPE RUNNING DIRECTION
REFLOW PROFILE:
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com