Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS1237.0W01-TS4 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS1237.0W01-TS4
Description  SMD 1237 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS1237.0W01-TS4 Datasheet(HTML) 1 Page - Abracon Corporation

  AFS1237.0W01-TS4 Datasheet HTML 1Page - Abracon Corporation AFS1237.0W01-TS4 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
||||||||||||| | |
AFS1237.0W01-TS4
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001:2008
CERTIFIED
STANDARD SPECIFICATIONS:
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.09.12
Visit www.abracon.com for Terms & Conditions of Sale
• 3.0 x 3.0 x 1.5mm SMD package
• Low loss
• CDMA450
• Wireless communication
• PDA
SMD 1237 MHz SAW Filter
3.0 x 3.0 x 1.5mm
TEST CIRCUIT:
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (fc)
-----
1237
-----
MHz
Bandwidth @ -3dB
-----
57.5
-----
MHz
Insertion Loss
-----
2.4
3.0
dB
Attenuation
(Reference level from 0dB)
30
60
-----
dB
1177MHz
20
50
-----
1187MHz
20
30
-----
1287MHz
30
38
-----
1297MHz
Temperature Coefficient of Frequency
-----
-36
-----
ppm/°C
Operation Temperature Range
-50
-----
+60
°C
Storage Temperature Range
-50
-----
+85
°C
DC Permissive Voltage
-----
-----
3
Vdc
Maximum Input Power
-----
-----
10
dBm
Input/Output Impedance
50Ω
MSL level: 1
FREQUENCY CHARACTERISTICS


Similar Part No. - AFS1237.0W01-TS4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS121.6W01-SS97 ABRACON-AFS121.6W01-SS97 Datasheet
150Kb / 2P
SURFACE MOUNT 121.6 MHz SAW FILTER
1.14.08
More results

Similar Description - AFS1237.0W01-TS4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS868.0W01-TS3 ABRACON-AFS868.0W01-TS3 Datasheet
202Kb / 2P
SMD 868.0 MHz SAW FILTER
1.07.08
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TA0836A TAI-SAW-TA0836A Datasheet
243Kb / 6P
SAW Filter 1237 MHz SMD 3.0X3.0 mm
TA0836B TAI-SAW-TA0836B Datasheet
238Kb / 6P
SAW Filter 1237 MHz
TA1252A TAI-SAW-TA1252A Datasheet
404Kb / 6P
SAW Filter 1237 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com