Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS05 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATFS05
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATFS05 Datasheet HTML 6Page - ATMEL Corporation ATFS05 Datasheet HTML 7Page - ATMEL Corporation ATFS05 Datasheet HTML 8Page - ATMEL Corporation ATFS05 Datasheet HTML 9Page - ATMEL Corporation ATFS05 Datasheet HTML 10Page - ATMEL Corporation ATFS05 Datasheet HTML 11Page - ATMEL Corporation ATFS05 Datasheet HTML 12Page - ATMEL Corporation ATFS05 Datasheet HTML 13Page - ATMEL Corporation ATFS05 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ATFS05/10/40
3017C–FPSLI–07/02
Thermal Resistance Coefficients(1)
Note:
1. For more information refer to the “Thermal Characteristics of Atmel’s Packages” application note, available on the Atmel web
site.
Device
Package Type
θ
JC [°C/W]
θ
JA [°C/W]
Airflow = 0 ft/min
ATFS05
Leadless Array Package (LAP)
8CN4
45
115.71
ATFS10/40
Leadless Array Package (LAP)
8CN4
45
135.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com