Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS05 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATFS05
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATFS05 Datasheet HTML 2Page - ATMEL Corporation ATFS05 Datasheet HTML 3Page - ATMEL Corporation ATFS05 Datasheet HTML 4Page - ATMEL Corporation ATFS05 Datasheet HTML 5Page - ATMEL Corporation ATFS05 Datasheet HTML 6Page - ATMEL Corporation ATFS05 Datasheet HTML 7Page - ATMEL Corporation ATFS05 Datasheet HTML 8Page - ATMEL Corporation ATFS05 Datasheet HTML 9Page - ATMEL Corporation ATFS05 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ATFS05/10/40
3017C–FPSLI–07/02
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°Cto+125°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature ..................................... -65
°Cto +150°C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to VCC +0.5V
Supply Voltage (VCC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.) ............. 260
°C
ESD (RZAP =1.5K, CZAP = 100 pF)................................. 2000V
Operating Conditions
Symbol
Description
ATFS05/10/40
Units
Min
Max
VCC
Commercial
Supply voltage relative to GND
-0°Cto +70°C
3.0
3.6
V
Industrial
Supply voltage relative to GND
-40°Cto +85°C
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com