Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS10-CC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATFS10-CC
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS10-CC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATFS10-CC Datasheet HTML 1Page - ATMEL Corporation ATFS10-CC Datasheet HTML 2Page - ATMEL Corporation ATFS10-CC Datasheet HTML 3Page - ATMEL Corporation ATFS10-CC Datasheet HTML 4Page - ATMEL Corporation ATFS10-CC Datasheet HTML 5Page - ATMEL Corporation ATFS10-CC Datasheet HTML 6Page - ATMEL Corporation ATFS10-CC Datasheet HTML 7Page - ATMEL Corporation ATFS10-CC Datasheet HTML 8Page - ATMEL Corporation ATFS10-CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ATFS05/10/40
3017C–FPSLI–07/02
Pin Description
8LAP
Pin
Name
I/O
Description
1
DATA
I/O
Tri-state DATA output for configuration. Open-collector bi-directional pin for programming.
2CLK
I
Clock input. Used to increment the internal address and bit counter for reading and programming.
3
RESET/
OE
I
Output Enable (active High) and RESET (active Low) when SER_EN is High. A Low level on
RESET/OE resets both the address and bit counters. A High level (with CE Low) enables the
data output driver.
4CE
I
Chip Enable input (active Low). A Low level (with OE High) allows DCLK to increment the
address counter and enables the data output driver. A High level on CE disables both the
address and bit counters and forces the device into a low-power standby mode. Note that this
pin will
not enable/disable the device in the 2-wire Serial Programming mode ( SER_EN Low).
5
GND
Ground pin. A 0.2 µF decoupling capacitor between
VCC and GND is recommended.
6
A2
I
Device selection input, A2. This is used to enable (or select) the device during programming
(i.e., when SER_EN is Low). A2 has an internal pull-down resistor.
7
SER_EN
I
Serial enable must be held High during FPSLIC loading operations. Bringing SER_EN Low
enables the 2-wire Serial Programming Mode. For non-ISP applications, SER_EN should be
tied to VCC.
8VCC
+3.3V power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com