Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS10-CC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATFS10-CC
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS10-CC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATFS10-CC Datasheet HTML 1Page - ATMEL Corporation ATFS10-CC Datasheet HTML 2Page - ATMEL Corporation ATFS10-CC Datasheet HTML 3Page - ATMEL Corporation ATFS10-CC Datasheet HTML 4Page - ATMEL Corporation ATFS10-CC Datasheet HTML 5Page - ATMEL Corporation ATFS10-CC Datasheet HTML 6Page - ATMEL Corporation ATFS10-CC Datasheet HTML 7Page - ATMEL Corporation ATFS10-CC Datasheet HTML 8Page - ATMEL Corporation ATFS10-CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ATFS05/10/40
3017C–FPSLI–07/02
FPSLIC Master Serial
Mode Summary
The I/O and logic functions of the FPSLIC devices are established by a configuration
program. The program is loaded either automatically upon power-up, or on command,
depending on the state of the mode pins. In Master Mode, the FPSLIC automatically
loads the configuration program from an external memory. The FPSLIC Support Device
has been designed for compatibility with the Master Mode.
Control of
Configuration
Most connections between the FPSLIC device and the FPSLIC Support Device are sim-
ple and self-explanatory:
•
The DATA output of the FPSLIC Support Device drives DIN of the FPSLIC devices.
•
The master FPSLIC CCLK output drives the CLK input of the FPSLIC Support
Device.
•
SER_EN must be connected to V
CC (except during ISP).
Programming Mode
The programming mode is entered by bringing SER_EN Low. In this mode the chip can
be programmed by the 2-wire serial bus. The programming is done at V
CC supply only.
Programming super voltages are generated inside the chip.
Standby Mode
The FPSLIC Support Device enters a low-power standby mode whenever CE is
asserted High. In this mode, the ATFS05 consumes less than 50 µA of current at 3.3V.
The output remains in a high-impedance state regardless of the state of the OE input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com