Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS05-CI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATFS05-CI
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05-CI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATFS05-CI Datasheet HTML 1Page - ATMEL Corporation ATFS05-CI Datasheet HTML 2Page - ATMEL Corporation ATFS05-CI Datasheet HTML 3Page - ATMEL Corporation ATFS05-CI Datasheet HTML 4Page - ATMEL Corporation ATFS05-CI Datasheet HTML 5Page - ATMEL Corporation ATFS05-CI Datasheet HTML 6Page - ATMEL Corporation ATFS05-CI Datasheet HTML 7Page - ATMEL Corporation ATFS05-CI Datasheet HTML 8Page - ATMEL Corporation ATFS05-CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
• Designed to Store Configurator Programs for Field Programmable System Level
Integrated Circuits (FPSLICs)
• In-System Programmable (ISP) via 2-wire Bus
• Spare Memory Available for System Parameters Storage
• Low-power CMOS EEPROM Process
• Available in 6 mm x 6 mm x 1 mm 8-lead LAP Package (Pin Compatible Across Product
Family)
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Available in 3.3V ± 10% LV
• Low-power Standby Mode
• High-reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 90 Years for Industrial Parts (at 85
°C) and 190 Years for
Commercial Parts (at 70
°C)
Description
The FPSLIC Support Devices provide an easy-to-use, cost-effective configuration
memory for programming Field Programmable System Level Integrated Circuits by
using a simple serial-access procedure to configure one or more FPSLIC devices.
See Table 1 for a list of supported FPSLIC devices.
The FPSLIC Support Device can be programmed with industry-standard program-
mers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable.
Pin Configurations
8-lead LAP
Table 1. ATFS FPSLIC Support Devices
FPSLIC Device
FPSLIC Support Device
Configuration Data
Spare Memory
AT94K05
ATFS05
226520 Bits
35624 Bits
AT94K10
ATFS10
430488 Bits
93800 Bits
AT94K40
ATFS40
815382 Bits
233194 Bits
8
7
6
5
1
2
3
4
DATA
CLK
RESET/OE
CE
VCC
SER_EN
CEO (A2)
GND
Support Device
ATFS05
ATFS10
ATFS40
Advance
Information
Rev. 3017C–FPSLI–07/02


Similar Part No. - ATFS05-CI

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100-GP3 HP-ATF-10100-GP3 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-STR HP-ATF-10136-STR Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-TR1 HP-ATF-10136-TR1 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATFS05-CI

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
Support Plate
logo
AAEON Technology
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Xilinx, Inc
XA2C32A XILINX-XA2C32A Datasheet
325Kb / 14P
AEC-Q100 device qualification and full PPAP support
XA2C128 XILINX-XA2C128 Datasheet
372Kb / 16P
AEC-Q100 device qualification and full PPAP support
XA2C256 XILINX-XA2C256 Datasheet
400Kb / 19P
AEC-Q100 device qualification and full PPAP support
logo
Keysight Technologies
E6569E KEYSIGHT-E6569E Datasheet
763Kb / 2P
Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Maxim Integrated Produc...
MAX20328A MAXIM-MAX20328A Datasheet
804Kb / 8P
Host device with I2C communication support
Rev 0; 5/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com