Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1206H Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1206H
Description  UNSHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206H Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1206H Datasheet HTML 1Page - Abracon Corporation AISC-1206H Datasheet HTML 2Page - Abracon Corporation AISC-1206H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNSHIELDED SMD POWER INDUCTOR
|||||||||||||| |
AISC-1206H
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
3.2 x 1.6 x 1.8mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.06.13
Visit www.abracon.com for Terms & Conditions of Sale
• Low profile dimension and small size, suitable for portable equipment
• Suitable for flow and reflow soldering
• Low DC resistance, high current capacity make it excellent for using
as a choke coil in DC power supply circuits.
• Excellent for power line DC/DC conversion applications
• Used in hard disk , notebook computer and other electronic equipment.
PARAMETERS
ABRACON P/N:
AISC-1206H-xxx Series
Operating temperature:
-40°C to + 85°C
Storage temperature:
-40°C to + 125°C
Part Number
Inductance Tolerance
Test
Rated
DC
AISC-1206H-
Frequency
DC Current
Resistance
(uH)
%
(KHz)
(mA)Max
(Ω)Max
AISC-1206H-45N
0.045
N
1000
1
0.027
AISC-1206H-95N
0.095
N
1000
0.9
0.035
AISC-1206H-R18
0.18
N
1000
0.8
0.048
AISC-1206H-R29
0.29
N
1000
0.7
0.072
AISC-1206H-R39
0.39
M, N
1000
0.6
0.082
AISC-1206H-R55
0.55
N
1000
0.5
0.15
AISC-1206H-R75
0.75
N
1000
0.4
0.18
AISC-1206H-R88
0.88
N
1000
0.3
0.20
AISC-1206H-1R0
1
N
1000
175
0.15
AISC-1206H-1R2
1.2
N
1000
170
0.17
AISC-1206H-1R5
1.5
N
1000
160
0.22
AISC-1206H-1R8
1.8
N
1000
150
0.32
AISC-1206H-2R2
2.2
N
1000
140
0.34
AISC-1206H-2R7
2.7
N
1000
135
0.35
AISC-1206H-3R3
3.3
N
1000
130
0.6
AISC-1206H-3R9
3.9
N
1000
125
0.64
AISC-1206H-4R7
4.7
N
1000
120
0.68
AISC-1206H-5R6
5.6
N
1000
115
0.94
AISC-1206H-6R8
6.8
N
1000
110
0.96
AISC-1206H-8R2
8.2
N
1000
105
1.08
AISC-1206H-100
10
M,N
1000
100
1.34
AISC-1206H-120
12
M,N
1000
95
1.4
AISC-1206H-150
15
M,N
1000
90
1.57
AISC-1206H-180
18
M,N
1000
85
1.71
AISC-1206H-220
22
M,N
1000
85
2.4
AISC-1206H-270
27
M,N
1000
85
2.9
AISC-1206H-330
33
M,N
1000
80
3.25
AISC-1206H-390
39
M,N
1000
55
3.47
AISC-1206H-470
47
M,N
1000
55
3.77
AISC-1206H-560
56
M,N
1000
50
6.37
AISC-1206H-680
68
M,N
1000
50
6.72
AISC-1206H-820
82
M,N
1000
45
8.2
AISC-1206H-101
100
M,N
1000
45
8.45
* Please contact Abracon for tighter tolerance.
Definition of Max. Rated DC Current (Ir): Maximum allowable DC current is that which causes a 10% inductance reduction from the
initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 25C)


Similar Part No. - AISC-1206H

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1206-10N ABRACON-AISC-1206-10N Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1206-12N ABRACON-AISC-1206-12N Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1206-15N ABRACON-AISC-1206-15N Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1206-18N ABRACON-AISC-1206-18N Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
More results

Similar Description - AISC-1206H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
SMD Unshielded Self-Leaded Inductor
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
Unshielded Power Inductor
logo
Abracon Corporation
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com