Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1206H Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-1206H
Description  UNSHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206H Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-1206H Datasheet HTML 1Page - Abracon Corporation AISC-1206H Datasheet HTML 2Page - Abracon Corporation AISC-1206H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
TAPE & REEL:
UNSHIELDED SMD POWER INDUCTOR
|||||||||||||| |
AISC-1206H
3.2 x 1.6 x 1.8mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.06.13
Visit www.abracon.com for Terms & Conditions of Sale
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
92688
T= tape and reel (1,500pcs/reel)
A±0.1
B±0.1
C±0.1
8.5
2.3
100
5
°
0.23¡Ó
0.05
2.1¡Ó
0.1
START
END
4¡Ó
0.1
+0.1
-0
1.75¡Ó
0.1
4¡Ó
0.1
2¡Ó
0.1
3.71¡Ó
0.1
1
.
0
Ó
¡
4
.
2
3.5¡Ó
0.1
160mmMin
400mmMin
560mmMax
blank
blank
8¡Ó
0.1
178
C
B
A
120 ¢X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com