Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS40 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATFS40
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS40 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATFS40 Datasheet HTML 6Page - ATMEL Corporation ATFS40 Datasheet HTML 7Page - ATMEL Corporation ATFS40 Datasheet HTML 8Page - ATMEL Corporation ATFS40 Datasheet HTML 9Page - ATMEL Corporation ATFS40 Datasheet HTML 10Page - ATMEL Corporation ATFS40 Datasheet HTML 11Page - ATMEL Corporation ATFS40 Datasheet HTML 12Page - ATMEL Corporation ATFS40 Datasheet HTML 13Page - ATMEL Corporation ATFS40 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ATFS05/10/40
3017C–FPSLI–07/02
Notes:
1. AC test load = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady state active levels.
Note:
1. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady state active levels.
AC Characteristics for ATFS10/40
V
CC =3.3V ± 10%
Symbol
Description
Commercial
Industrial
Units
Min
Max
Min
Max
TOE
(1)
OE to Data Delay
50
55
ns
TCE
(1)
CE to Data Delay
55
60
ns
TCAC
(1)
CLK to Data Delay
55
60
ns
TOH
Data Hold From CE,OE,orCLK
0
0
ns
T
DF
(2)
CE or OE to Data Float Delay
50
50
ns
T
LC
CLK Low Time
25
25
ns
T
HC
CLK High Time
25
25
ns
TSCE
CE Setup Time to CLK (to guarantee proper counting)
30
35
ns
THCE
CE Hold Time from CLK (to guarantee proper counting)
0
0
ns
THOE
OE High Time (guarantees counter is reset)
25
25
ns
F
MAX
MAX Input Clock Frequency
15
10
MHz
AC Characteristics for ATFS10/40 when Cascading
VCC =3.3V ± 10%
Symbol
Description
Commercial
Industrial
Units
Min
Max
Min
Max
TCDF
(1)
CLK to Data Float Delay
50
50
ns
FMAX
MAX Input Clock Frequency
12.5
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com