Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS40 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATFS40
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS40 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATFS40 Datasheet HTML 6Page - ATMEL Corporation ATFS40 Datasheet HTML 7Page - ATMEL Corporation ATFS40 Datasheet HTML 8Page - ATMEL Corporation ATFS40 Datasheet HTML 9Page - ATMEL Corporation ATFS40 Datasheet HTML 10Page - ATMEL Corporation ATFS40 Datasheet HTML 11Page - ATMEL Corporation ATFS40 Datasheet HTML 12Page - ATMEL Corporation ATFS40 Datasheet HTML 13Page - ATMEL Corporation ATFS40 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ATFS05/10/40
3017C–FPSLI–07/02
Packaging Information
8CN4 – LAP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8CN4, 8-lead (6 x 6 x 1.04 mm Body), Lead Pitch 1.27 mm,
Leadless Array Package (LAP)
A
8CN4
11/14/01
Pin1 Corner
Marked Pin1 Indentifier
0.10 mm
TYP
4
3
2
1
5
6
7
8
Top View
L
b
e
L1
e1
Side View
A1
A
Bottom View
E
D
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.94
1.04
1.14
A1
0.30
0.34
0.38
b
0.45
0.50
0.55
1
D
5.89
5.99
6.09
E
4.89
5.99
6.09
e
1.27 BSC
e1
1.10 REF
L
0.95
1.00
1.05
1
L1
1.25
1.30
1.35
1
Note: 1. Metal Pad Dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com