Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R15GLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812SMS-R15GLC
Description  Midi Spring짰 Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812SMS-R15GLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812SMS-R15GLC Datasheet HTML 1Page - Coilcraft lnc. 1812SMS-R15GLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Midi Spring® Air Core Inductors
Document 184-1
Document 184-1 Revised 10/13/15
Inductance2
Percent
Q4
Test freq.
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
typ
min
(MHz)
(GHz)
(mOhm)
(A)
1812SMS-22N_L_
22
5,2
135
100
150
3.2
4.2
3.0
1812SMS-27N_L_
27
5,2
135
100
150
2.7
4.0
3.5
1812SMS-33N_L_
33
5,2
130
100
150
2.5
4.8
3.0
1812SMS-39N_L_
39
5,2
135
100
150
2.1
4.4
3.0
1812SMS-47N_L_
47
5,2
135
100
150
2.1
5.6
3.0
1812SMS-56N_L_
56
5,2
125
100
150
1.5
6.2
3.0
1812SMS-68N_L_
68
5,2
120
100
150
1.5
8.2
2.5
1812SMS-82N_L_
82
5,2
120
100
150
1.3
9.4
2.5
1812SMS-R10_L_
100
5,2
115
100
150
1.2
12.3
1.7
1812SMS-R12_L_
120
5,2
125
100
150
1.1
17.3
1.5
1812SMS-R15_L_
150
5,2
145
100
150
0.75
33.0
1.2
1. When ordering, specify
tolerance, termination and packaging codes:
1812SMS-R12GLC
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape, 500 parts per full reel.
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked, 2000 parts per
full reel.
2. Inductance tested at 150 MHz on an Agilent/HP 4286A LCR meter or
equivalent with a Coilcraft SMD-A test fixture and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. Q tested at 150 MHz on an Agilent/HP 4291A Impedance Analyzer with
an Agilent/HP 16193 test fixture or equivalents.
5. SRF tested on the Agilent/HP 8753D Network Analyzer or equivalent
and a Coilcraft CCF1248 test fixture.
6. DCR tested on the Cambridge Technology Model 510 Micro-ohmmeter
or equivalent.
7. Current that causes a 15°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For part marking data see www.coilcraft.com/colrcode.cfm.
Weight 0.10– 0.16 g
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +125°C with
Irms current
Maximum part temperature +140°C (ambient + temp rise)
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 500/7
″ reel; 2000/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 4.33 mm pocket depth
Recommended pick and place nozzle: OD: 0.110
″; ID: 0.091″
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Air core inductors feature high Q and current handling
• Acrylic top provides a flat surface for pick and place
• Solder coated leads ensure reliable soldering


Similar Part No. - 1812SMS-R15GLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-R15GLC COILCRAFT-1812SMS-R15GLC Datasheet
328Kb / 2P
Midi Spring짰 Air Core Inductors
More results

Similar Description - 1812SMS-R15GLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
1812SMS-22N-L COILCRAFT-1812SMS-22N-L Datasheet
236Kb / 2P
Midi Spring짰 Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
Air Core Inductors
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
logo
Coilcraft lnc.
1812SMS-R12GLC COILCRAFT-1812SMS-R12GLC Datasheet
328Kb / 2P
Midi Spring Air Core Inductors
1812SMS-33NJLC COILCRAFT-1812SMS-33NJLC Datasheet
328Kb / 2P
Midi Spring짰 Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com