Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R15GLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812SMS-R15GLC
Description  Midi Spring짰 Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812SMS-R15GLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812SMS-R15GLC Datasheet HTML 1Page - Coilcraft lnc. 1812SMS-R15GLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 184-2
Document 184-2 Revised 10/13/15
Midi Spring® Air Core Inductors
Typical L vs Frequency
Typical Q vs Frequency
0
1
10
Frequency (MHz)
100
1000
10000
22 nH
39 nH
68 nH
120 nH
250
200
150
100
50
1
10
Frequency (MHz)
100
1000
10000
22 nH
39 nH
68 nH
120 nH
0
250
200
150
100
50
Dimensions are in
inches
mm
Designer’s Kit C318 contains 12 each of all 5% values.
Designer’s Kit C318-2 contains12 each of all 2% values.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com