Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF86 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SF86
Description  SUPER FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF86 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SF86 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF86 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF81 - SF86
VOLTAGE RANGE: 50 - 400V
CURRENT: 8 .0 A
SUPER FAST RECOVERY RECTIFIER DIODES
· Low Leakage
· Low Forward Voltage Drop
· High Current Capability
· Super-fast Switching Speed < 35ns
· Plastic Material - UL Flammability
Classification 94V-0
· Good for 200KHz Power Supplier
Mechanical Data
· Case: TO-220, Molded Plastic
· Terminals: Plated Axial Leads, Solderable per
MIL-STD-202 Method 208
· Approx Weight: 2.24 grams
· Mounting Position: Any
TO-220
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
—
6.25
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53Ø
4.09Ø
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
Case
-
-
+
Case Positive
Case Negative
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
VRRM
50
100
150
200
300
400
VRMS
35
70
105
140
210
280
VDC
50
100
150
200
300
400
I(AV)
8.0
IFSM
125
VF
TA = 25
10
TA = 125
IR
500
µA
IF =0 5A, IR =1 0A IRR =0 25A
trr
35
50
nS
CJ
40
pF
RθJC
2.5
/W
TJ
(-55 to +150)
TSTG
(-55 to +150)
Characteristic
Symbol
Features
0 .975
1.4
MaximumRepetitive PeakReverseVoltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Sur ge Current
AtTc=105
Unit
Volts
Volts
Volts
Amps
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current at rated
DC Blocking Voltage
1 of 2
www.sunmate.tw
SF81
Storage Temperature Range
Operating Junction Temperature Range
Typical Thermal Resistance (Note 1)
Maximum Reverse Recovery Time
Typical Junction Capacitance (Note 2)
Test conditions
SF82
SF83
SF84
SF85
SF86


Similar Part No. - SF86

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF86 RECTRON-SF86 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF86 BYTES-SF86 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF86 DCCOM-SF86 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF86 FORMOSA-SF86 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF86 DAESAN-SF86 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
More results

Similar Description - SF86

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
Super Fast Recovery Diodes
logo
Rohm
RFUS20NS4S ROHM-RFUS20NS4S Datasheet
191Kb / 1P
Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
BYW98-50S EIC-BYW98-50S Datasheet
50Kb / 2P
SUPER FAST RECOVERY DIODES
logo
Guangdong Kexin Industr...
MUR105F KEXIN-MUR105F Datasheet
1Mb / 3P
Super Fast Recovery Diodes
logo
SUNMATE electronic Co.,...
SF1010 SUNMATE-SF1010 Datasheet
354Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW98-50S NJSEMI-BYW98-50S Datasheet
150Kb / 2P
SUPER FAST RECOVERY DIODES
logo
RFE international
U1AF RFE-U1AF Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2A RFE-UG2A Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com