Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF86 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SF86
Description  SUPER FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF86 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SF86 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF86 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
1
10
100
8.3 ms Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 2 Maximum Non-Repetitive Surge Current
0.1
1.0
10
100
1000
020
40
60
80
100 120 140
T = 100ºC
C
T = 25ºC
C
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig.3 Typical Reverse Characteristics
0.1
1.0
10
40
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TJ = 25ºC
Pulse Width - 300 ms
2% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig.4 Typical Instantaneous Forward Characteristics
20
30
40
50
60
70
80
90
1
10
100
1000
REVERSE VOLTAGE (VOLTS)
Fig.5Typical Junction Capacitance
TJ = 25ºC
0
2
4
6
8
10
0
50
100
150
180
CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
Single Phase Half-Wave
60 Hz Resistive or Inductive Load
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com