Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2135J Datasheet(PDF) 8 Page - International Rectifier

Part # IR2135J
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2135J Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2135J Datasheet HTML 4Page - International Rectifier IR2135J Datasheet HTML 5Page - International Rectifier IR2135J Datasheet HTML 6Page - International Rectifier IR2135J Datasheet HTML 7Page - International Rectifier IR2135J Datasheet HTML 8Page - International Rectifier IR2135J Datasheet HTML 9Page - International Rectifier IR2135J Datasheet HTML 10Page - International Rectifier IR2135J Datasheet HTML 11Page - International Rectifier IR2135J Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IR2133/IR2135/IR2233/IR2235(J&S) & (PbF)
8
www.irf.com
Figure 5. Shutdown Waveform Definitions
SD
tsd
HO
LO
50%
90%
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
480
320V
160
0V
Figure 8. IR2133J Junction Temperature vs
Frequency Driving (IRGPC30KD2) Rgate = 5.1
Ω @
Vcc = 15V
Frequency (Hz)
20
30
40
50
60
70
80
90
10 0
11 0
12 0
1E +2
1E +3
1E +4
1E +5
48 0V
32 0V
16 0V
0V
Figure 7. IR2133J Junction Temperature vs
Frequency Driving (IRGPC20KD2) Rgate = 5.1
Ω @
Vcc = 15V
Frequency (Hz)
tin,fil
tin,fil
on
on
on off
off
off
high
low
HIN/LIN
HO/LO
Figure 4.5 Input Filter Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com