Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2135J Datasheet(PDF) 1 Page - International Rectifier

Part # IR2135J
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2135J Datasheet(HTML) 1 Page - International Rectifier

  IR2135J Datasheet HTML 1Page - International Rectifier IR2135J Datasheet HTML 2Page - International Rectifier IR2135J Datasheet HTML 3Page - International Rectifier IR2135J Datasheet HTML 4Page - International Rectifier IR2135J Datasheet HTML 5Page - International Rectifier IR2135J Datasheet HTML 6Page - International Rectifier IR2135J Datasheet HTML 7Page - International Rectifier IR2135J Datasheet HTML 8Page - International Rectifier IR2135J Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VOFFSET
600V or 1200V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V or 12 - 20V
ton/off (typ.)
750/700 ns
Deadtime (typ.)
250 ns
Product Summary
3-PHASE BRIDGE DRIVER
IR2133/IR2135(J&S) & (PbF)
IR2233/IR2235(J&S)
Data Sheet No. PD60107 revU
www.irf.com
1
Features
••••• Floating channel designed for bootstrap operation
Fully operational to +600V or+1200V
Tolerant to negative transient voltage
dV/dt immune
••••• Gate drive supply range from 10V/12V to 20V DC and
up to 25V for transient
••••• Undervoltage lockout for all channels
••••• Over-current shut down turns off all six drivers
••••• Independent 3 half-bridge drivers
••••• Matched propagation delay for all channels
••••• 2.5V logic compatible
••••• Outputs out of phase with inputs
••••• Also available LEAD-FREE
Description
The IR2133IR2135/IR2233IR2355 (J&S) are high voltage, high
speed power MOSFET and IGBT driver with three independent
high side and low side referenced output channels for 3-phase
applications. Proprietary HVIC technology enables ruggedized
monolithic construction. Logic inputs are compatible with CMOS
or LSTTL outputs, down to 2.5V logic. An independent opera-
tional amplifier provides an analog feedback of bridge current via an external current sense resistor. A current trip
function which terminates all six outputs can also be derived from this resistor. A shutdown function is available to
terminate all six outputs. An open drain FAULT signal is provided to indicate that an over-current or undervoltage
shutdown has occurred. Fault conditions are cleared with the FLT-CLR lead. The output drivers feature a high pulse
current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in
high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the
high side configuration which operates up to 600 volts or 1200 volts.
up to 600V or 1200V
Typical Connection
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Packages
28-Lead SOIC
44-Lead PLCC w/o 12 leads
28-Lead PDIP


Similar Part No. - IR2135J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2135J INFINEON-IR2135J Datasheet
436Kb / 27P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
logo
International Rectifier
IR2135JSPBF IRF-IR2135JSPBF Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2135JTRPBF IRF-IR2135JTRPBF Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2135J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com