Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4271 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 1 Page - Texas Instruments

  THS4271 Datasheet HTML 1Page - Texas Instruments THS4271 Datasheet HTML 2Page - Texas Instruments THS4271 Datasheet HTML 3Page - Texas Instruments THS4271 Datasheet HTML 4Page - Texas Instruments THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE
FEEDBACK AMPLIFIER
DGK-8
DGN-8
D-8
DRB-8
FEATURES
D Unity Gain Stability
D Low Voltage Noise
− 3 nV/
√Hz
D High Slew Rate: 1000 V/µs
D Low Distortion
− −92 dBc THD at 30 MHz
D Wide Bandwidth: 1.4 GHz
D Supply Voltages
− +5 V,
±5 V, +12 V, +15 V
D Power Down Functionality (THS4275)
D Evaluation Module Available
DESCRIPTION
The THS4271 and THS4275 are low-noise, high slew rate,
unity gain stable voltage feedback amplifiers designed to
run from supply voltages as low as 5 V and as high as 15 V.
The THS4275 offers the same performance as the
THS4271 with the addition of power down capability. The
combination of low-noise, high slew rate, wide bandwidth,
low distortion, and unity gain stability make the THS4271
and THS4275 high performance devices across multiple
ac specifications.
Designers using the THS4271 are rewarded with higher
dynamic range over a wider frequency band without the
stability concerns of decompensated amplifiers. The
devices are available in SOIC, MSOP with PowerPAD
,
and leadless MSOP with PowerPAD
 packages.
APPLICATIONS
D High Linearity ADC Preamplifier
D Wireless Communication Receivers
D Differential to Single-Ended Conversion
D DAC Output Buffer
D Active Filtering
1
2
3
4
8
7
6
5
NC
IN−
IN+
VS−
NC
VS+
VOUT
NC
THS4271
RELATED DEVICES
DEVICE
DESCRIPTION
THS4211
1-GHz voltage feedback amplifier
THS4503
Wideband fully differential amplifier
THS3202
Dual, wideband current feedback amplifier
_
+
249
Ω
+5 V
49.9
Ω
VI
−5 V
50
Ω Source
Low-Noise, Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
VO
249
Ω
50
Ω
THS4271
This document contains information on products in more than one phase of
development. The status of each device is indicated on the page(s) specifying its
electrical characteristics.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2004, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.
−100
−90
−80
−70
−60
−50
−40
1
10
100
Gain = 2
Rf = 249 Ω
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
HARMONIC AND INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
IMD3
200 kHz Tone Spacing
VO = 2 VPP Envelope
HD3
HD2


Similar Part No. - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI-THS4271 Datasheet
1Mb / 41P
LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4271 TI1-THS4271 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271D TI1-THS4271D Datasheet
1Mb / 50P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
THS3061 TI-THS3061 Datasheet
206Kb / 25P
LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com