Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4271 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
21
APPLICATION CIRCUITS
Driving an Analog-to-Digital Converter With the
THS4271
The THS4271 can be used to drive high-performance
analog-to-digital converters. Two example circuits are
presented below.
The first circuit uses a wideband transformer to convert a
single-ended input signal into a differential signal. The
differential signal is then amplified and filtered by two
THS4271
amplifiers.
This
circuit
provides
low
intermodulation
distortion,
suppressed
even-order
distortion, 14 dB of voltage gain, a 50-
Ω input impedance,
and a single-pole filter at 100 MHz. For applications
without signal content at dc, this method of driving ADCs
can be very useful. Where dc information content is
required, the THS4500 family of fully differential amplifiers
may be applicable.
_
+
THS4271
50
Ω
Source
249
Ω
_
+
−5 V
100
Ω
22 pF
249
Ω
100
Ω
24.9
Ω
22 pF
14-Bit, 62 Msps
ADS5422
(1:4
Ω)
1:2
5 V
24.9
Ω
THS4271
VCM
VCM
Figure 78. A Linear, Low Noise, High Gain ADC
Preamplifier
The second circuit depicts single-ended ADC drive. While
not recommended for optimum performance using
converters
with
differential
inputs,
satisfactory
performance
can
sometimes
be
achieved
with
single-ended input drive. An example circuit is shown here
for reference.
_
+
THS4271
249
Ω
ADS807
12-Bit,
53 Msps
Rf
+5 V
249
Ω
49.9
Ω
VI
Rg
−5 V
50
Ω
Source
RISO 0.1 µF
16.5
Ω
68 pf
0.1
µF
IN
IN
CM
1.82 k
Ω
RT
NOTE: For best performance, high-speed ADCs should be driven
differentially. See the THS4500 family of devices for more
information.
Figure 79. Driving an ADC With a
Single-Ended Input
Using the THS4271 as a DAC Output Buffer
Two example circuits are presented here showing the
THS4271 buffering the output of a digital-to-analog
converter. The first circuit performs a differential to
single-ended conversion with the THS4271 configured as
a difference amplifier. The difference amplifier can double
as the termination mechanism for the DAC outputs as well.
249
Ω
_
+
THS4271
49.9
Ω
100
Ω
249
Ω
100
Ω
+5 V
−5 V
14-Bit,
400 MSps
DAC5675
RF
LO
124
Ω
249
Ω
249
Ω
3.3 V
3.3 V
Figure 80. Differential to Single-Ended
Conversion of a High-Speed DAC Output
For cases where a differential signaling path is desirable,
a pair of THS4271 amplifiers can be used as output
buffers. The circuit depicts differential drive into a mixer’s
IF inputs, coupled with additional signal gain and filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com