Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61042 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042
Description  CONSTANT CURRENT LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61042 Datasheet HTML 1Page - Texas Instruments TPS61042 Datasheet HTML 2Page - Texas Instruments TPS61042 Datasheet HTML 3Page - Texas Instruments TPS61042 Datasheet HTML 4Page - Texas Instruments TPS61042 Datasheet HTML 5Page - Texas Instruments TPS61042 Datasheet HTML 6Page - Texas Instruments TPS61042 Datasheet HTML 7Page - Texas Instruments TPS61042 Datasheet HTML 8Page - Texas Instruments TPS61042 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
SW
8
OVP
7
GND
6
CTRL
5
LED
DRB PACKAGE
(TOP VIEW)
1
RS 2
VIN 3
FB 4
Exposed
Thermal
Die Pad
TPS61042
SLVS441B — DECEMBER 2002 — REVISED JANUARY 2003
NOTES:The exposed thermal die pad is connected to GND.
Terminal Functions
TERMINAL NAME NO.
I/O
DESCRIPTION
CTRL
5
I
Combined enable and PWM control pin. If CTRL is constantly pulled high, the device is enabled and the
internal LED switch (Q2) is constantly turned on. When CTRL is pulled to GND, the device is disabled.
Apply a PWM signal (100 Hz to 50 kHz) to this pin to control the brightness of the LEDs
FB
4
I
Feedback. FB regulates the LED current through the sense resistor by regulating the voltage across RS to
252 mV.
GND
6
GND
LED
1
I
Input of the LED switch (Q2). Connect the LEDs to this pin.
OVP
7
I
Overvoltage protection. OVP is connected to the output capacitor of the converter.
RS
2
O
Output of the internal LED switch. The sense resistor that programs the LED current is connected to RS.
SW
8
I
Drain of the integrated switch (Q1)
VIN
3
I
Input supply pin.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com