Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61042 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042
Description  CONSTANT CURRENT LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61042 Datasheet HTML 1Page - Texas Instruments TPS61042 Datasheet HTML 2Page - Texas Instruments TPS61042 Datasheet HTML 3Page - Texas Instruments TPS61042 Datasheet HTML 4Page - Texas Instruments TPS61042 Datasheet HTML 5Page - Texas Instruments TPS61042 Datasheet HTML 6Page - Texas Instruments TPS61042 Datasheet HTML 7Page - Texas Instruments TPS61042 Datasheet HTML 8Page - Texas Instruments TPS61042 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
TPS61042
SLVS441B — DECEMBER 2002 — REVISED JANUARY 2003
ELECTRICAL CHARACTERISTICS
V
I = 3.6 V, CTRL= VI, TA = -40°C to + 85°C, typical values are at TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current
VI
Input voltage range
1.8
6.0
V
I(Q)
Operating quiescent current into VIN
IO =0 mA, not switching
38
65
µA
IO(sd)
Shutdown current
CTRL=GND
0.1
1
µA
VUVLO
Under-voltage lockout threshold
VI falling
1.5
1.7
V
CTRL
VIH
CTRL high level input voltage
1.3
V
VIL
CTRL low level input voltage
0.3
V
IIkg
CTRL input leakage current
CTRL=GND or VIN
0.1
µA
ton
Minimim CTRL pulse witdh to enable
CTRL=low to high
500
us
toff
Minimum CTRL pulse width to disable
CTRL=high to low
10
32
ms
f(CTRL)
PWM switching frequency applied to
0.1
50
kHz
CTRL
D(CTRL)
PWM duty cycle applied to CTRL
1
100
%
Power switch and current limit (SW)
VS
Maximum switch voltage
30
V
rds(ON)
MOSFET on-resistance
VI=3.6 V; I(SW)=200 mA
300
600
m
Ilkg
MOSFET leakage current
V(SW)=28 V
0.1
10
µA
ILIM
MOFSET current limit
400
500
600
mA
LED switch and current limit (LED)
VS
Maximum switch voltage
30
V
rds(ON)
MOSFET on-resistance
VI=3.6 V; IS =20 mA
1
2
Ilkg
MOSFET leakage current
V(LED)=28 V
0.1
10
µA
Output
VO
Output voltage range
VI
27.5
V
I(FB)
Feedback input bias current (1)
V(FB) =0.252 V
100
nA
VFB
Feedback trip point voltage
1.8 V
≤ V
I≤ 6.0 V
244
252
260
mV
V(OVP)
Output overvoltage protection
VO rising
27.5
29
30
V
Vhys(OVP) Output overvoltage protection hysteresis
5
7
V
I(OVP)
OVP input current
VO=15 V
9
12
µA
(1)
The feedback input is high impedance MOSFET Gate input.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com