Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C6V2CC Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BZX84C6V2CC
Description  SILCON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX84C6V2CC Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BZX84C6V2CC Datasheet HTML 1Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 2Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 3Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 4Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 5Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILCON PLANAR ZENER DIODES
BZX84C2V4CC-BZX84C75CC
Electrical Characterisilcs @ Ta=25℃ unless otherwise specified,VF<0.9V at IF=10
Zener Voltage Range1)
Dynamic Resistance
Reverse Leakage Current
Type
Marking
Code
Min
Nom
Max
IZT(mA)
ZZT Max.(Ω)
IR Max(μA)
atVR(V)
BZX84C2V4CC
JH
2.2
2.4
2.6
5
100
50
1
BZX84C2V7CC
JJ
2.5
2.7
2.9
5
100
20
1
BZX84C3V0CC
JK
2.8
3
3.2
5
95
10
1
BZX84C3V3CC
JM
3.1
3.3
3.5
5
95
5
1
BZX84C3V6CC
JN
3.4
3.6
3.8
5
90
5
1
BZX84C3V9CC
JP
3.7
3.9
4.1
5
90
3
1
BZX84C4V3CC
JR
4
4.3
4.6
5
90
3
1
BZX84C4V7CC
JX
4.4
4.7
5
5
80
3
2
BZX84C5V1CC
JY
4.8
5.1
5.4
5
60
2
2
BZX84C5V6CC
JZ
5.2
5.6
6
5
40
1
2
BZX84C6V2CC
KA
5.8
6.2
6.6
5
10
3
4
BZX84C6V8CC
KB
6.4
6.8
7.2
5
15
2
4
BZX84C7V5CC
KC
7
7.5
7.9
5
15
1
5
BZX84C8V2CC
KD
7.7
8.2
8.7
5
15
0.7
5
BZX84C9V1CC
KE
8.5
9.1
9.6
5
15
0.5
6
BZX84C10CC
KF
9.4
10
10.6
5
20
0.2
7
BZX84C11CC
KH
10.4
11
11.6
5
20
0.1
8
BZX84C12CC
KJ
11.4
12
12.7
5
25
0.1
8
BZX84C13CC
KK
12.4
13
14.1
5
30
0.1
8
BZX84C15CC
KM
14.3
15
15.8
5.0
30
0.1
10.5
BZX84C16CC
KN
15.3
16
17.1
5
40
0.05
11.2
BZX84C18CC
KP
16.8
18
19.1
5
45
0.05
12.6
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com