Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C6V2CC Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # BZX84C6V2CC
Description  SILCON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX84C6V2CC Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  BZX84C6V2CC Datasheet HTML 1Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 2Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 3Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 4Page - Diode Semiconductor Korea BZX84C6V2CC Datasheet HTML 5Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SILCON PLANAR ZENER DIODES
BZX84C2V4CC-BZX84C75CC
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Type
Marking
Code
Min
Nom
Max
IZT(mA)
ZZT Max.(Ω)
IR Max(μA)
atVR(V)
BZX84C20CC
KR
18.8
20
21.2
5
55
0.05
14
BZX84C22CC
KX
20.8
22
23.3
5
55
0.05
15.4
BZX84C24CC
KY
22.8
24
25.6
5
70
0.05
16.8
BZX84C27CC
KZ
25.1
27
28.9
2
80
0.05
18.9
BZX84C30CC
MA
28
30
32
2
80
0.05
21
BZX84C33CC
MB
31
33
35
2
80
0.05
23.1
BZX84C36CC
MC
34
36
38
2
90
0.05
25.2
BZX84C39CC
MD
37
39
41
2
130
0.05
27.3
BZX84C43CC
ME
40
43
46
2
150
0.05
30.1
BZX84C47CC
MF
44
47
50
2
170
0.05
32.9
BZX84C51CC
MH
48
51
54
2
180
0.05
35.7
BZX84C56CC
MJ
52
56
60
2
200
0.05
39.2
BZX84C62CC
MK
58
62
66
2
215
0.05
43.4
BZX84C68CC
MM
64
68
72
2
240
0.05
47.6
BZX84C75CC
MN
70
75
79
2
255
0.05
52.5
1)Tested with pulses tp=20ms
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com