Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2426MLP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLE2426MLP
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2426MLP Datasheet(HTML) 4 Page - Texas Instruments

  TLE2426MLP Datasheet HTML 1Page - Texas Instruments TLE2426MLP Datasheet HTML 2Page - Texas Instruments TLE2426MLP Datasheet HTML 3Page - Texas Instruments TLE2426MLP Datasheet HTML 4Page - Texas Instruments TLE2426MLP Datasheet HTML 5Page - Texas Instruments TLE2426MLP Datasheet HTML 6Page - Texas Instruments TLE2426MLP Datasheet HTML 7Page - Texas Instruments TLE2426MLP Datasheet HTML 8Page - Texas Instruments TLE2426MLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLE2426, TLE2426Y
THE “RAIL SPLITTER”
PRECISION VIRTUAL GROUND
SLOS098D – AUGUST 1991 – REVISED MAY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VI = 5 V, IO = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2426C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VI = 4 V
1.98
2
2.02
Output voltage
VI = 5 V
25
°C
2.48
2.5
2.52
V
Output voltage
VI = 40 V
19.8
20
20.2
V
VI = 5 V
Full range
2.475
2.525
Temperature coefficient of output voltage
Full range
25
ppm/
°C
Temperature coefficient of output voltage
Full range
25
ppm/
°C
Supply current
No load
VI = 5 V
25
°C
170
300
µA
Supply current
No load
VI = 4 to 40 V
Full range
400
µA
Ot
t
lt
l ti
IO =0to 10 mA
25
°C
–45
±160
Output voltage regulation
(sourcing current)‡
IO = 0 to – 10 mA
Full range
±250
µV
(sourcing current)‡
IO = 0 to – 20 mA
25
°C
– 150
±450
Ot
t
lt
l ti
IO =0to10mA
25
°C
15
±160
Output voltage regulation
(sinking current)‡
IO = 0 to 10 mA
Full range
±250
µV
(sinking current)‡
IO = 0 to 20 mA
25
°C
65
±235
Output impedance
25
°C
7.5
22.5
m
Ω
Noise-reduction impedance
25
°C
110
k
Ω
Short circuit current
Sinking current,
VO = 5 V
25
°C
26
mA
Short-circuit current
Sourcing current,
VO = 0
25
°C
–47
mA
Output noise voltage rms
f=10Hzto10kHz
CNR = 0
25
°C
120
µV
Output noise voltage, rms
f = 10 Hz to 10 kHz
CNR = 1 µF
25
°C
30
µV
VO to 0 1%
IO = ± 10 mA
CL = 0
25
°C
290
Output voltage current step response
VO to 0.1%,
IO = ± 10 mA
CL = 100 pF
25
°C
275
µs
Output voltage current step response
VO to 0 01% IO = ± 10 mA
CL = 0
25
°C
400
µs
VO to 0.01%, IO = ± 10 mA
CL = 100 pF
25
°C
390
Step response
VI = 0 to 5 V, VO to 0.1%
CL = 100 pF
25
°C
20
µs
Step response
VI = 0 to 5 V, VO to 0.01%
CL = 100 pF
25
°C
160
µs
† Full range is 0
°C to 70°C.
‡ The listed values are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com