Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2426MLP Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2426MLP
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2426MLP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2426MLP Datasheet HTML 9Page - Texas Instruments TLE2426MLP Datasheet HTML 10Page - Texas Instruments TLE2426MLP Datasheet HTML 11Page - Texas Instruments TLE2426MLP Datasheet HTML 12Page - Texas Instruments TLE2426MLP Datasheet HTML 13Page - Texas Instruments TLE2426MLP Datasheet HTML 14Page - Texas Instruments TLE2426MLP Datasheet HTML 15Page - Texas Instruments TLE2426MLP Datasheet HTML 16Page - Texas Instruments TLE2426MLP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLE2426, TLE2426Y
THE “RAIL SPLITTER”
PRECISION VIRTUAL GROUND
SLOS098D – AUGUST 1991 – REVISED MAY 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
150
100
50
0
0
5
10
15
20
25
200
250
INPUT BIAS CURRENT
vs
INPUT VOLTAGE
300
30
35
40
VI – Input Voltage – V
IO = 0
TA = – 55°C
TA = 125°C
TA = 25°C
Figure 6
150
100
50
0
025
50
200
250
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
300
75
100
125
VI = 40 V
VI = 12 V
VI = 5 V
VI = 4 V
IO = 0
TA – Free-Air Temperature – °C
–50
–75
–20
Figure 7
Min
IO – Output Current – mA
OUTPUT VOLTAGE REGULATION
vs
OUTPUT CURRENT
0
500
250
010
20
Max
Typ
Min
Max
Typ
VI = 5 V or 12 V
TA = 25°C
– 250
– 500
–20
– 10
Figure 8
1
0.1
0.01
0.001
10
100
1 k
10
f – Frequency – Hz
100
10 k
100 k
1 M
OUTPUT IMPEDANCE
vs
FREQUENCY
VI = 5 V or 12 V
IO = 0
TA = 25°C
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com