Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2891 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2891
Description  CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2891 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2891 Datasheet HTML 1Page - Texas Instruments UCC2891 Datasheet HTML 2Page - Texas Instruments UCC2891 Datasheet HTML 3Page - Texas Instruments UCC2891 Datasheet HTML 4Page - Texas Instruments UCC2891 Datasheet HTML 5Page - Texas Instruments UCC2891 Datasheet HTML 6Page - Texas Instruments UCC2891 Datasheet HTML 7Page - Texas Instruments UCC2891 Datasheet HTML 8Page - Texas Instruments UCC2891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542A − OCTOBER 2003 − REVISED JULY 2004
CURRENT MODE
ACTIVE CLAMP PWM CONTROLLER
1
www.ti.com
FEATURES
D Ideal for Active Clamp/Reset Forward,
Flyback Converters
D Provides Complementary Auxiliary Driver
with Programmable Deadtime (Turn-On
Delay) between AUX and MAIN Switches
D Peak Current-Mode Control with
Cycle-by-Cycle Current Limiting
D 110-V Input Startup Regulator on UCC2891/3
D TrueDrivet 2-A Sink, 2-A Source Outputs
D Accurate Line UV and Line OV Threshold
D Programmable Slope Compensation
D 1.0-MHz Synchronizable Oscillator
D Precise Programmable Maximum Duty Cycle
D Programmable Soft Start
APPLICATIONS
D 150-W to 700-W SMPS
D High-Efficiency, Low EMI/RFI Off-Line or
DC/DC Converters
D Server, 48-V Telecom, Datacom
D High Power Adapter, LCD-TV and PDP-TV
DESCRIPTION
The UCC2891/2/3/4 family of PWM controllers is
designed to simplify implementation of the various
active clamp/reset switching power topologies.
The UCC289x is a peak current-mode, fixed-
frequency, high-performance pulse width modulator.
It includes the logic and the drive capability for the
auxiliary
switch
with
a
simple
method
of
programming the critical delays for proper active
clamp operation.
The UCC2891/3 includes a 110-V start-up
regulator for initial start-up and to provide
keep-alive power during stand-by.
Additional
features
include
an
internal
programmable
slope
compensation
circuit,
precise DMAX limit, and a single resistor
programmable
synchronizable
oscillator.
An
accurate line monitoring function also programs
the converter’s ON and OFF transitions with
regard to the bulk input voltage. Along with the
UCC2897, this UCC289x family allows the power
supply designer to eliminate many of the external
components, reducing the size and complexity of
the design.
CBULK
RCS
UDG−02162
CCLAMP
RF
5
13
12
16
15
1
2
3
RDEL
RTON
RTOFF
SYNC
LINEUV
OUT
AUX
PGND
4
VREF
11
VIN
UCC2891
6
GND
7CS
8
RSLOPE
14
VDD
SS/SD
10
FB
9
SECONDARY
SIDE E/A
Q1
Q2
LOAD
SR
DRIVE
BIAS
WINDING
+VIN
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC2891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI1-UCC2891 Datasheet
1Mb / 42P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2891 TI2-UCC2891 Datasheet
845Kb / 41P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
REVISED JULY 2009
UCC28910 TI-UCC28910 Datasheet
1Mb / 26P
Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
UCC28910 TI-UCC28910 Datasheet
1Mb / 53P
High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
UCC28910 TI2-UCC28910 Datasheet
1Mb / 56P
UCC28910, UCC28911 High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
REVISED DECEMBER 2016
More results

Similar Description - UCC2891

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
Active Clamp Current Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
Advanced Current-Mode Active-Clamp PWM Controller
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com