Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2891 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2891
Description  CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2891 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC2891 Datasheet HTML 17Page - Texas Instruments UCC2891 Datasheet HTML 18Page - Texas Instruments UCC2891 Datasheet HTML 19Page - Texas Instruments UCC2891 Datasheet HTML 20Page - Texas Instruments UCC2891 Datasheet HTML 21Page - Texas Instruments UCC2891 Datasheet HTML 22Page - Texas Instruments UCC2891 Datasheet HTML 23Page - Texas Instruments UCC2891 Datasheet HTML 24Page - Texas Instruments UCC2891 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542A − OCTOBER 2003 − REVISED JULY 2004
21
www.ti.com
APPLICATION INFORMATION: SETUP GUIDE
Step 5. Input Voltage Monitoring
The input voltage monitoring functions is governed by the following two expressions of the voltage at the
LINEUV terminal (pin 15):
V
VON + VON
R
IN2
R
IN1 ) RIN2
at turn on, and
V
VON +
V
OFF * VVON
R
IN1
) I
HYST
R
IN2 at turn off.
Since VON and VOFF are given by the power supply specification, VVON equals the 1.27-V threshold of the line
monitor and IHYST is already defined as:
I
HYST +
2.5 V
R
DEL
0.05
the two unknown, RIN1 and RIN2 are fully determined. Solving the equations results the following two
expressions for the input voltage divider:
R
IN1 +
V
ON * VOFF
I
HYST
R
IN2 + RIN1
1.27 V
V
ON * 1.27 V
Similar methods can be used to define the divider components of the overvoltage protection input of the
UCC2892 and UCC2894 controllers.
Step 6. Current Sense and Slope Compensation
The UCC2891 family offers onboard, user programmable slope compensation. The programming of the right
amount of slope compensation is accomplished by the appropriate selection of two external resistors, RF and
RSLOPE.
First, the current sense filter resistor value (RF) must be calculated based on the desired filtering of the current
sense signal. The filter consists of two components, CF and RF. The CF filter capacitor is connected between
the CS pin (pin 7) and the GND terminal (pin 6). While the value of CF can be freely selected as the first step
of the filter design, it should be minimized to avoid filtering the slope compensation current exiting the CS pin.
The recommended range for the filter capacitance is between 50 pF and 270 pF. The value of the filter resistor
can be calculated from the filter capacitance and the desired filter corner frequency fF.
R
F +
1
2
p
f
F
C
F
After RF is defined RSLOPE can be calculated. The amount of slope compensation is defined by the stability
requirements of the inner peak current loop of the control algorithm and is measured by the number m. When
the slope of the applied compensation ramp equals the down slope of the output inductor current waveform
reflected across the primary side current sense resistor dV
L dt , m equals 1. The minimum value of m is 0.5
to prevent current loop instability. Best current mode performance can be achieved around m=1. The further
increase of m moves the control closer to voltage mode control operation.
(18)
(19)
(20)
(21)
(22)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com