Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAS516
Description  High Speed Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS516 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAS516 Datasheet HTML 1Page - Diode Semiconductor Korea BAS516 Datasheet HTML 2Page - Diode Semiconductor Korea BAS516 Datasheet HTML 3Page - Diode Semiconductor Korea BAS516 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Speed Switching Diode
BAS516
Parameter
Symbol
Min.
Max.
Unit
Conditions
0.715
V
IF=1mA
0.855
V
IF=10mA
1
V
IF=50mA
Forward voltage
VF
1.25
V
IF=150mA
30
30
nA
μA
VR=25V
VR=25V TJ=150
℃
Reverse current
IR
1
50
μA
μA
VR=75V
VR=75V TJ=150
℃
Diode capacitance
Cd
1
pF
VR=0,f=1MHz
Reverse recovery time trr
4
ns
IF=10mA,IR=10mA,RL=1mA
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com